Electronic Components Datasheet Search
  English  ▼

X  

PM7329 Datasheet(PDF) 1 Page - PMC-Sierra, Inc

Part # PM7329
Description  Packet/ATM Traffic Manager and Switch
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM7329 Datasheet(HTML) 1 Page - PMC-Sierra, Inc

  PM7329 Datasheet HTML 1Page - PMC-Sierra, Inc PM7329 Datasheet HTML 2Page - PMC-Sierra, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
PM7329
Released
Packet/ATM Traffic Manager and Switch
S/UNI-APEX-1K800
PMC-2010038 (r3)
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA, INC., AND FOR ITS CUSTOMERS’ INTERNAL USE
© Copyright PMC-Sierra, Inc. 2001
FEATURES
• ATM (fixed length cell) and packet/
frame traffic manager and switch.
• 128 line ports, 4 WAN ports, and a
high speed microprocessor port. Any
port to any port switching for 1024
independent connections.
• Manages up to 256 Kbyte cell (16
Mbyte) data buffer and 4 Mbyte
context memory shared over all ports.
• Configurable progressive throttling of
buffer consumption, with memory
reservation under high consumption.
Performs EFCI marking for ABR
support.
• Buffer congestion controlled via Partial
Packet Discard, Early Packet Discard
(PPD/EPD). Cell at a time discard also
supported.
• For frame/packet flows:
•
Supports external wire speed HDLC
processor, SAR, and flow classifier
via packet-contiguous queuing and
scheduling.
•
Error indication in AAL5 EOM trailer
(set by SAR or classifier) can invoke
errored packet discard, thereby
eliminating need for packet buffers
in external devices.
• Traffic queuing algorithm is highly
configurable on a per connection, per
class, and per port basis.
• Configurable scheduling of 4 classes
of service on every port, with rate
shaping available for the 4 WAN ports.
Configurable traffic parameters
enabling a mix of CBR, VBR, GFR,
and UBR classes.
• Configurable OAM cell queuing and
special handling on all ports.
• VPI/VCI header mapping.
• Supports 700 Mb/s ingress traffic and
700 Mb/s egress traffic aggregated
across all ports.
• Low power 3.3/ 2.5 V CMOS.
• Standard 5-pin P1149 JTAG port.
• 352-ball SBGA, 35 mm x 35 mm.
BUS INTERFACES
• 8/16 bit, 52 MHz UTOPIA L2 bus.
• Line side:
•
Enhanced UTOPIA Tx master
supports 128 ports. Rx master
supports 32 ports.
•
Or single port slave.
• WAN side:
•
Master (with optional cell length
expansion) supports 4 Tx or Rx
ports.
•
Or single port slave.
MICROPROCESSOR INTERFACE
• 66 MHz, 32 bit address/data bus
capable of single or burst access to
internal registers and cell buffers.
• Supports cell/packet transfer to/from
any port, with CRC32 and CRC10
calculation supported in hardware.
BLOCK DIAGRAM
Processor
Interface
LRSX
LRSOP
LRDAT[15:0]
LRPRTY
LRENB
LRADR[5:0]
LRPA
Loop Rx
Any-PHY
LRCLK
WRSX
WRSOP
WRDAT[15:0]
WRPRTY
WRENB
WRADR[2:0]
WRPA
WAN Rx
Any-PHY
WRCLK
SSRAM Interface
LTSX
LTSOP
LTDAT[15:0]
LTPRTY
LTENB
LTADR[7:0]
LTPA
Loop Tx
Any-PHY
LTCLK
WTSX
WTSOP
WTDAT[15:0]
WTPRTY
WTENB
WTADR[2:0]
WTPA
WAN Tx
Any-PHY
WTCLK
JTAG Test
Access Port
SDRAM Interface
AD[31:0]
Ctrl Lines
Que Management &
Scheduling


Similar Part No. - PM7329

ManufacturerPart #DatasheetDescription
logo
PMC-Sierra, Inc
PM7329 PMC-PM7329 Datasheet
1Mb / 2P
ATM TRAFFIC MANAGER AND SWITCH
PM7329-BI PMC-PM7329-BI Datasheet
1Mb / 2P
ATM TRAFFIC MANAGER AND SWITCH
More results

Similar Description - PM7329

ManufacturerPart #DatasheetDescription
logo
PMC-Sierra, Inc
PM7326 PMC-PM7326 Datasheet
65Kb / 4P
ATM/PACKET Traffic Manager and Switch
PM7326 PMC-PM7326 Datasheet
2Mb / 238P
ATM/PACKET TRAFFIC MANAGER AND SWITCH
PM7329 PMC-PM7329 Datasheet
1Mb / 2P
ATM TRAFFIC MANAGER AND SWITCH
PM73487 PMC-PM73487 Datasheet
3Mb / 251P
622 Mbps ATM Traffic Management Device
logo
Integrated Device Techn...
89TTM553 IDT-89TTM553 Datasheet
374Kb / 30P
Traffic Manager Co-processor
logo
PMC-Sierra, Inc
PM73487-1 PMC-PM73487-1 Datasheet
45Kb / 2P
622 MBPS ATM Traffic Management Device
PM7326-1 PMC-PM7326-1 Datasheet
35Kb / 2P
ATM/PACKET Traffic Manager and Switch
logo
List of Unclassifed Man...
TSP3 ETC2-TSP3 Datasheet
107Kb / 2P
ATM Forum TM4.1 traffic shaping
logo
Renesas Technology Corp
89TTM552 RENESAS-89TTM552 Datasheet
661Kb / 38P
Traffic Manager Data Sheet
April 7, 2005
89TTM553 RENESAS-89TTM553 Datasheet
547Kb / 31P
Traffic Manager Co-processor
March 3, 2005
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com