Electronic Components Datasheet Search
  English  ▼

X  

CY24488ZXC Datasheet(PDF) 13 Page - Cypress Semiconductor

Part # CY24488ZXC
Description  Quad PLL Clock Generator with Serial Interface (I2C)
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY24488ZXC Datasheet(HTML) 13 Page - Cypress Semiconductor

Back Button CY24488ZXC Datasheet HTML 7Page - Cypress Semiconductor CY24488ZXC Datasheet HTML 8Page - Cypress Semiconductor CY24488ZXC Datasheet HTML 9Page - Cypress Semiconductor CY24488ZXC Datasheet HTML 10Page - Cypress Semiconductor CY24488ZXC Datasheet HTML 11Page - Cypress Semiconductor CY24488ZXC Datasheet HTML 12Page - Cypress Semiconductor CY24488ZXC Datasheet HTML 13Page - Cypress Semiconductor CY24488ZXC Datasheet HTML 14Page - Cypress Semiconductor CY24488ZXC Datasheet HTML 15Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 13 / 15 page
background image
CY24488
Document #: 001-09608 Rev. *A
Page 13 of 15
Test and Measurement Set-up
Figure 8. Test and Measurement Diagram
Voltage and Timing Definitions
Figure 9. Duty Cycle Definition
Figure 10. ER = (0.6

VDD)/t3, EF = (0.6 
VDD)/t4
DUT
V
DDs
Outputs
C
LOAD
GND
0.1
F
t
2
t
1
Clock
O utput
0V
V
DD
50% of V
DD
t
3
t
4
80% of V
DD
20% of V
DD
Clock
O utput
V
DD
0V
[+] Feedback
[+] Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com