Electronic Components Datasheet Search
  English  ▼

X  

CY22393FCT Datasheet(PDF) 2 Page - Cypress Semiconductor

Part # CY22393FCT
Description  Three-PLL Serial-Programmable Flash-Programmable Clock Generator
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY22393FCT Datasheet(HTML) 2 Page - Cypress Semiconductor

  CY22393FCT Datasheet HTML 1Page - Cypress Semiconductor CY22393FCT Datasheet HTML 2Page - Cypress Semiconductor CY22393FCT Datasheet HTML 3Page - Cypress Semiconductor CY22393FCT Datasheet HTML 4Page - Cypress Semiconductor CY22393FCT Datasheet HTML 5Page - Cypress Semiconductor CY22393FCT Datasheet HTML 6Page - Cypress Semiconductor CY22393FCT Datasheet HTML 7Page - Cypress Semiconductor CY22393FCT Datasheet HTML 8Page - Cypress Semiconductor CY22393FCT Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
CY22395
CY22394
Document #: 38-07186 Rev. *C
Page 2 of 17
CY22393
Selector Guide
Part Number
Outputs
Input Frequency Range
Output Frequency Range
Specifics
CY22393FC
6 CMOS
8 MHz–30 MHz (external crystal)
1 MHz–166 MHz (reference clock)
Up to 200 MHz
Commercial Temperature
CY22393FI
6 CMOS
8 MHz–30 MHz (external crystal)
1 MHz–150 MHz (reference clock)
Up to 166 MHz
Industrial Temperature
CY22394FC
1 PECL/
4 CMOS
8 MHz–30 MHz (external crystal)
1 MHz–166 MHz (reference clock)
100 MHz–400 MHz (PECL)
Up to 200 MHz (CMOS)
Commercial Temperature
CY22394FI
1 PECL/
4 CMOS
8 MHz–30 MHz (external crystal)
1 MHz–150 MHz (reference clock)
125 MHz–375 MHz (PECL)
Up to 166 MHz (CMOS)
Industrial Temperature
CY22395FC
4 LVCMOS/
1 CMOS
8 MHz–30 MHz (external crystal)
1 MHz–166 MHz (reference clock)
Up to 200 MHz (3.3V)
Up to 133 MHz (2.5V)
Commercial Temperature
CY22395FI
4 LVCMOS/
1 CMOS
8 MHz–30 MHz (external crystal)
1 MHz–150 MHz (reference clock)
Up to 166 MHz (3.3V)
Up to 133 MHz (2.5V)
Industrial Temperature
Logic Block Diagram — CY22393
XTALIN
XTALOUT
S2/SUSPEND
SDAT
SCLK
SHUTDOWN/OE
CONFIGURATION
FLASH
OSC.
XBUF
PLL1
CLKE
11-Bit P
8-Bit Q
PLL2
11-Bit P
8-Bit Q
PLL3
11-Bit P
8-Bit Q
4x4
Switch
Crosspoint
Divider
/2, /3, or /4
Divider
7-Bit
Divider
7-Bit
Divider
7-Bit
Divider
7-Bit
CLKA
CLKB
CLKC
CLKD
Logic Block Diagram — CY22394
XTALIN
XTALOUT
S2/SUSPEND
SDAT
SCLK
SHUTDOWN/OE
CONFIGURATION
FLASH
OSC.
XBUF
PLL1
P+CLK
11-Bit P
8-Bit Q
PLL2
11-Bit P
8-Bit Q
PLL3
11-Bit P
8-Bit Q
4x4
Switch
Crosspoint
Divider
7-Bit
Divider
7-Bit
Divider
7-Bit
PECL
OUTPUT
CLKA
CLKB
CLKC
P-CLK
0º
180º
[+] Feedback
[+] Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com