Electronic Components Datasheet Search
  English  ▼

X  

CY22393FIT Datasheet(PDF) 9 Page - Cypress Semiconductor

Part # CY22393FIT
Description  Three-PLL Serial-Programmable Flash-Programmable Clock Generator
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY22393FIT Datasheet(HTML) 9 Page - Cypress Semiconductor

Back Button CY22393FIT Datasheet HTML 5Page - Cypress Semiconductor CY22393FIT Datasheet HTML 6Page - Cypress Semiconductor CY22393FIT Datasheet HTML 7Page - Cypress Semiconductor CY22393FIT Datasheet HTML 8Page - Cypress Semiconductor CY22393FIT Datasheet HTML 9Page - Cypress Semiconductor CY22393FIT Datasheet HTML 10Page - Cypress Semiconductor CY22393FIT Datasheet HTML 11Page - Cypress Semiconductor CY22393FIT Datasheet HTML 12Page - Cypress Semiconductor CY22393FIT Datasheet HTML 13Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 17 page
background image
CY22395
CY22394
Document #: 38-07186 Rev. *C
Page 9 of 17
CY22393
Start Sequence - Start Frame is indicated by SDAT going LOW
when SCLK is HIGH. Every time a start signal is given, the next
8-bit data must be the device address (seven bits) and a R/W
bit, followed by register address (eight bits) and register data
(eight bits).
Stop Sequence - Stop Frame is indicated by SDAT going HIGH
when SCLK is HIGH. A Stop Frame frees the bus for writing to
another part on the same bus or writing to another random
register address.
Acknowledge Pulse
During Write Mode the CY22393, CY22394, and CY22395
respond with an Acknowledge pulse after every eight bits. To
do this, they pull the SDAT line LOW during the N*9th clock
cycle, as illustrated in Figure 5 on page 11. (N = the number of
bytes transmitted). During Read Mode, the master generates
the acknowledge pulse after the data packet is read.
Write Operations
Writing Individual Bytes
A valid write operation must have a full 8-bit register address
after the device address word from the master, which is
followed by an acknowledge bit from the slave (ack = 0/LOW).
The next eight bits must contain the data word intended for
storage. After the data word is received, the slave responds
with another acknowledge bit (ack = 0/LOW), and the master
must end the write sequence with a STOP condition.
Writing Multiple Bytes
To write multiple bytes at a time, the master must not end the
write sequence with a STOP condition. Instead, the master
sends multiple contiguous bytes of data to be stored. After
each byte, the slave responds with an acknowledge bit, the
same as after the first byte, and accepts data until the STOP
condition responds to the acknowledge bit. When receiving
multiple bytes, the CY22393, CY22394, and CY22395 inter-
nally increment the register address.
Read Operations
Read operations are initiated the same way as Write opera-
tions except that the R/W bit of the slave address is set to ‘1’
(HIGH). There are three basic read operations: current
address read, random read, and sequential read.
Current Address Read
The CY22393, CY22394 and CY22395 have an onboard
address counter that retains “1” more than the address of the
last word access. If the last word written or read was word ‘n’,
then a current address read operation returns the value stored
in location ‘n+1’. When the CY22393, CY22394 and CY22395
receive the slave address with the R/W bit set to a ‘1’, they
issue an acknowledge and transmit the 8-bit word. The master
device does not acknowledge the transfer, but generates a
STOP condition, which causes the CY22393, CY22394 and
CY22395 to stop transmission.
Random Read
Through random read operations, the master may access any
memory location. To perform this type of read operation, first
set the word address. Do this by sending the address to the
CY22393, CY22394 and CY22395 as part of a write operation.
After the word address is sent, the master generates a START
condition following the acknowledge. This terminates the write
operation before any data is stored in the address, but not
before setting the internal address pointer. Next, the master
reissues the control byte with the R/W byte set to ‘1’. The
CY22393, CY22394 and CY22395 then issue an acknowledge
and transmit the 8-bit word. The master device does not
acknowledge the transfer, but generates a STOP condition
which causes the CY22393, CY22394 and CY22395 to stop
transmission.
Sequential Read
Sequential read operations follow the same process as
random reads except that the master issues an acknowledge
instead of a STOP condition after transmitting the first 8-bit
data word. This action increments the internal address pointer,
and subsequently outputs the next 8-bit data word. By
continuing to issue acknowledges instead of STOP conditions,
the master serially reads the entire contents of the slave
device memory. Note that register addresses outside of 08H
to 1BH and 40H to 57H can be read from but are not real
registers and do not contain configuration information. When
the internal address pointer points to the FFH register, after the
next increment, the pointer will point to the 00H register.
Figure 1. Data Transfer Sequence on the Serial Bus
SCLK
START
Condition
SDAT
STOP
Data may
Address or
Acknowledge
Valid
be changed
Condition
[+] Feedback
[+] Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com