Electronic Components Datasheet Search
  English  ▼

X  

LA5771 Datasheet(PDF) 2 Page - Sanyo Semicon Device

Part # LA5771
Description  Monolithic Linear IC Separately-excited Step-down Switching Regulator (3.3V)
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LA5771 Datasheet(HTML) 2 Page - Sanyo Semicon Device

  LA5771 Datasheet HTML 1Page - Sanyo Semicon Device LA5771 Datasheet HTML 2Page - Sanyo Semicon Device LA5771 Datasheet HTML 3Page - Sanyo Semicon Device LA5771 Datasheet HTML 4Page - Sanyo Semicon Device LA5771 Datasheet HTML 5Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
LA5771
No.A0718-2/5
SANYO : 220-5H
1
5
0.8
10.4max
10.0
3.6
4.5
1.3
0.9
2.7
0.45
4.5
8.4
1.7
(1.6)
Electrical Characteristics at Ta = 25
°C
Ratings
Parameter
Symbol
Conditions
min
typ
max
Unit
Output voltage
VO
VIN=15V, IO=1.0A
3.17
3.30
3.43
V
Efficiency
η
VIN=15V, IO=1.0A
79
%
Switching frequency
f
VIN=15V, IO=1.0A
120
160
200
kHz
Line regulation
∆VOLINE
VIN=8 to 20V, IO=1.0A
25
80
mV
Load regulation
∆VOLOAD
VIN=15V, IO=0.5 to 1.5A
10
30
mV
Output voltage temperature coefficient
∆VO/∆Ta
±0.5
mV/
°C
Ripple attenuation factor
RREJ
F=100 to 120Hz
45
dB
Current limiter operating voltage
IS
VIN=15V
3.1
A
Thermal shutdown operating temperature
TSD
Designed target value*
165
°C
Thermal shutdown hysteresis width
∆TSD
Designed target value*
15
°C
* Designed target value: No measurement made.
Package Dimensions
unit : mm (typ)
3079C
Pin Assignment
(1)VIN (2)SWOUT (3)GND (4)VOS (5)SS
140
120
100
80
60
40
20
0
-20
-30
0
2.0
4.0
6.0
8.0
MSG07021
160
10.0
7.5
5.6
3.3
1.75
Ambient temperature, Ta --
°C
Pd max -- Ta
100
×100×1.5mm3
50
×50×1.5mm3
30
×30×1.5mm3
No heat sink
Infinite heat sink
θjc=5°C
Al heat
sink
mounting
torque
39N
⋅cm
silicone
grease
applied



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com