Electronic Components Datasheet Search
  English  ▼

X  

FPR2-T218 Datasheet(PDF) 1 Page - Willow Technologies Ltd

Part # FPR2-T218
Description  High Stability Extremly Low-Ohm
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WILLOW [Willow Technologies Ltd]
Direct Link  http://www.willow.co.uk
Logo WILLOW - Willow Technologies Ltd

FPR2-T218 Datasheet(HTML) 1 Page - Willow Technologies Ltd

  FPR2-T218 Datasheet HTML 1Page - Willow Technologies Ltd FPR2-T218 Datasheet HTML 2Page - Willow Technologies Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
FPR 2-T218
••••• Extremly Low-Ohm
••••• High Stability
••••• Low Temperature Coefficient
••••• Low Electrical Noise
••••• Low Inductance
••••• TO-Standard-Housing
SPECIFICATIONS
ELECTRICAL
FPR2-T218
Resistance Range
:
R002...50R
Serie E12
Power Rating
:
2 W (70°C)
30 W with heatsink
Thermal Resistance Rthj-c :
2.5 K/W
Tolerances
:
from R002
:
1%, 2%, 5%
from R010
:
0.5%, 1%, 2%, 5%
from R020
:
0.25%, 0.5%, 1%, 2%, 5%
from 1R0
:
0.1%, 0.25%, 0.5%, 1%, 2%, 5%
Stability
:
0.1%, 0.2%, 0.5% (depends on stress)
Temperature Coefficient :
R > 0R2 ±15 ppm/K (20...60)°C
R
≤ 0R2 TCR see table next page
Voltage Proof
:
300 VDC
Thermal EMF
:
< 1 µV/K
ENVIRONMENTAL
Operating Temperature Range :
-40°C...130°C
MECHANICAL
Resistor Material
:
Metalfoil CuNiMn (DIN 17471)
Substrate
:
anodized aluminium
Housing
:
PPS
Connector Material
:
Cu tinned, 2-pin
Max. torque backplate
:
1 Nm
Willow Technologies Ltd. Shawlands Court, Newchapel Road, Lingfield, Surrey, RH7 6BL, UK
Tel. + 44 (0) 1342 835234, Fax. + 44 (0) 1342 834306, e-mail sales@willow.co.uk web www.willow.co.uk


Similar Part No. - FPR2-T218

ManufacturerPart #DatasheetDescription
logo
Riedon Powertron
FPR2-T218 RIEDON-FPR2-T218 Datasheet
319Kb / 2P
Precision Shunt Resistors
FPR2-T218 RIEDON-FPR2-T218 Datasheet
313Kb / 2P
Precision Shunt Resistors
FPR2-T218 RIEDON-FPR2-T218 Datasheet
210Kb / 2P
Precision Shunt Resistors
FPR2-T2180068OHMS RIEDON-FPR2-T2180068OHMS Datasheet
313Kb / 2P
Precision Shunt Resistors
FPR2-T218 RIEDON-FPR2-T218_13 Datasheet
313Kb / 2P
Precision Shunt Resistors
More results

Similar Description - FPR2-T218

ManufacturerPart #DatasheetDescription
logo
TEMIC Semiconductors
U644B TEMIC-U644B Datasheet
202Kb / 6P
Flasher, 18-m Shunt, Extremly Low Current Consumption
logo
Willow Technologies Ltd
FHR2-T238 WILLOW-FHR2-T238 Datasheet
217Kb / 3P
High Stability Extremely Low Ohm Rating
FPR2-1617 WILLOW-FPR2-1617 Datasheet
229Kb / 2P
High Stability Extremly Low-Ohm
FPR2-T220 WILLOW-FPR2-T220 Datasheet
361Kb / 3P
Small Dimensions Extremly Low-Ohm
FPR4-14 WILLOW-FPR4-14 Datasheet
101Kb / 2P
Highest Stability Extremly Low-Ohm
FPR4-2321 WILLOW-FPR4-2321 Datasheet
181Kb / 2P
High Stability Extremly Low-Ohm
logo
Epson Company
TG2016SAN EPSON-TG2016SAN Datasheet
378Kb / 2P
LOW VOLTAGE HIGH STABILITY
logo
TAITIEN ELECTRONICS CO....
XO-0129-XH-TYPE TAITIEN-XO-0129-XH-TYPE Datasheet
223Kb / 1P
High stability, low temperature frequency coefficient
XO-0126-X8-TYPE TAITIEN-XO-0126-X8-TYPE Datasheet
194Kb / 1P
High stability, low temperature frequency coefficient
XO-0128-X5-TYPE TAITIEN-XO-0128-X5-TYPE Datasheet
244Kb / 1P
High stability, low temperature frequency coefficient
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com