Electronic Components Datasheet Search
  English  ▼

X  

LA5779 Datasheet(PDF) 2 Page - Sanyo Semicon Device

Part # LA5779
Description  Monolithic Linear IC Separately-excited Step-down Switching Regulator (Variable Type)
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LA5779 Datasheet(HTML) 2 Page - Sanyo Semicon Device

  LA5779 Datasheet HTML 1Page - Sanyo Semicon Device LA5779 Datasheet HTML 2Page - Sanyo Semicon Device LA5779 Datasheet HTML 3Page - Sanyo Semicon Device LA5779 Datasheet HTML 4Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
LA5779
No.A0476-2/4
1
5
0.8
10.4max
10.0
3.6
4.5
1.3
0.9
2.7
0.45
4.5
8.4
1.7
(1.6)
SANYO : TO-220-5H
Electrical Characteristics at Ta
= 25°C, VO = 3.3V
Ratings
Parameter
Symbol
Conditions
min
typ
max
Unit
Reference voltage
VOS
VIN = 15V, IO = 1.0A
1.20
1.23
1.26
V
Efficiency
η
VIN = 15V, IO = 1.0A, Set VO = 5V
84
%
Switching frequency
f
VIN = 15V, IO = 1.0A
128
160
192
kHz
Switching frequency when
short-circuit protection is active
fshort
VIN = 15V, VOS = 0V
15
30
45
kHz
Line regulation
∆VOLINE
VIN = 8 to 20V, IO = 1.0A
40
100
mV
Load regulation
∆VOLOAD
VIN = 15V, IO = 0.5 to 1.5A
10
30
mV
Output voltage temperature
coefficient
∆VO/∆Ta
Designed target value. *
±0.5
mV/
°C
Ripple attenuation factor
RREJ
f = 100 to 120Hz
45
dB
Output leak current
IOleak
VIN = 15V, SWOUT = -0.4V
50
µA
Current limiter operating voltage
IS
VIN = 15V
3.1
A
Operating current
IVIN
VIN = 15V
5.6
mA
Standby current
ISTBY
VIN = 15V, ENA = 5V
200
µA
ENA pin LOW voltage range
VENAL
0.6
V
ENA pin HIGH voltage range
VENAH
2.4
VIN
V
Thermal shutdown operating
temperature
TSD
Designed target value. *
165
°C
Thermal shutdown Hysteresis
width
∆TSD
Designed target value. *
15
°C
* Design target value: No measurement made.
Package Dimensions
unit : mm (typ)
3079A
Pin Assignment
(1) VIN (2) SWOUT
(3) GND
(4) VOS
(5) ENA
PCA00833
Pd max -- Ta
0
2.0
3.3
4.0
5.6
6.0
7.5
10.0
8.0
1.75
--30
0
20
40
60
80
100
120
140
160
100
×100×1.5mm3
50
×50×1.5mm3
30
×30×1.5mm3
Ambient temperature, Ta --
°C
Infinitely large heat sink
θjc=5°C/W
Al heat
sink plate
tightening
torque
39N.cm
With
silicone
grease
applied.
No heat sink



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com