Electronic Components Datasheet Search
  English  ▼

X  

GST4020 Datasheet(PDF) 2 Page - Willow Technologies Ltd

Part # GST4020
Description  High Value Resistors radial leaded
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WILLOW [Willow Technologies Ltd]
Direct Link  http://www.willow.co.uk
Logo WILLOW - Willow Technologies Ltd

GST4020 Datasheet(HTML) 2 Page - Willow Technologies Ltd

  GST4020 Datasheet HTML 1Page - Willow Technologies Ltd GST4020 Datasheet HTML 2Page - Willow Technologies Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
High Value Resistors radial leaded
Type: GST
Size: 1210, 25, 2512, 4020
Technical data – depending on size:
Size
1210
25
2512
4020
Power Rating P70(W)
(P125 = 0W)
0.5
0.7
1.0
2.0
Working Voltage U_, Ueff (V)
trimmed
untrimmed (Tol. > 5%)
300
1000
300
500
1200
2500
4000
6000
Ranges/Tolerances/TCR1)/VCR2)
1M – 100M
0.5/1/2/5/10%
TC 25/50/100
<50 ppm/V
2/5/10%
TC 50/100
<50 ppm/V
0.5/…/10%
TC 25/50/100
<10 ppm/V
0.25/…/10%
TC 25/50/100
<5 ppm/V
>100M – 500M
2/5/10/20%
TC 50/100/250
<100 ppm/V
5/10/20%
TC 100/250
<100 ppm/V
1/2/5/10/20%
TC 25/50/100
<25 ppm/V
0.5/1/2/5/10/20%
TC 25/50/100
<10 ppm/V
>100M – 1G
5/10/20%
TC 100/250
<100 ppm/V
5/10/20%
TC 100/250
<100 ppm/V
1/2/5/10/20%
TC 100/250
<25 ppm/V
1/2/5/10/20%
TC 25/50/100
<10 ppm/V
>1G – 10G
5/10/20/30%
TC 250/500
<500 ppm/V
10/20/30%
TC 250/500
<500 ppm/V
2/5/10/20%
TC 100/250
<100 ppm/V
2/5/10/20%
TC 50/100
<25 ppm/V
>10G – 100G
5/10/20/30%
TC 500/1000
<1000 ppm/V
10/20/30%
TC 500/1000
<1000 ppm/V
5/10/20/30%
TC 250/500
<250 ppm/V
5/10/20/30%
TC 100/250
<100 ppm/V
>100G – 1T
–
–
10/20/30/50
TC 500/1000
<500 ppm/V
5/10/20/30%
TC 250/500
<250 ppm/V
1) TC25/50: Temperature range +25°C...+85°C
2) VCR measured between 10V and 100V
Closer values of tolerances, TCR and VCR or other dimensions on request and agreement.
Technical data – general:
Temperature range
-55°C ... +125°C
Climatic category acc. to IEC 60068
55/125/56
Long term stability
≤
1G
≤
10G
>10G
Storage 125°C/1000h
<1%
<2%
<5%
Max voltage/1000h
<0.5%
<1%
<2%
Issue 09/04
Willow Technologies Ltd. Shawlands Court, Newchapel Road, Lingfield, Surrey, RH7 6BL, United Kingdom
Tel . + 44 (0) 1342 835234 Fax. + 44 (0) 1342 834306 E-Mail. sales@willow.co.uk Web. www.willow.co.uk



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com