Electronic Components Datasheet Search
  English  ▼

X  

HD10 Datasheet(PDF) 2 Page - Willow Technologies Ltd

Part # HD10
Description  High Voltage Divider Set, Thick film,Non-Inductive R1 & R2
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WILLOW [Willow Technologies Ltd]
Direct Link  http://www.willow.co.uk
Logo WILLOW - Willow Technologies Ltd

HD10 Datasheet(HTML) 2 Page - Willow Technologies Ltd

  HD10 Datasheet HTML 1Page - Willow Technologies Ltd HD10 Datasheet HTML 2Page - Willow Technologies Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
UD, HD HighVoltageDividerSet,
Thick film,Non-Inductive R1 & R2

Absolute Resistance Tolerance :
1% typ.
Voltage Ratio Tolerance :
0. 1% ~1.0%
Temperature Coefficient :
70ppm/°C typ. , Custom 25ppm/°C 50ppm/°C
referenced to 25°C, from -25°C to +70°C,
other TCR available upon requests.
Overload/Voltage :
1.5 x rated power for
5sec :
DR 0.25%(do not exceed 1.5 x V max)
Thermal Shock :
Mil-Std-202, Method-
107, Cond. C, DR 0.25% max.
Load Life :
1.000 hours at rated power
DR 0.50%
Moisture Resistance :
Mil-Std-202,
Method 106, DR 0.5%.
Insulation Resistance :
10,000Megohms Min.
Termination Cap of Material :
Tinned plated
Cap,or Nickel Plated Cap, Bronz Cap
Encapsulation :
Epoxy Conformal Coat,
Polymer Conformal coat or Glass coat
SPECIFICATIONS
DERATING CURVE
5
75
5
75
00
80
60
40
0
0
Ambient-Temperature (˚C)
cf.: The described specifications & dimensions subject to change without notice.
Model Nr.
Wattage
Max.
Continu-
ous Oper.
Volt[kV]
Resistance
[ ohm ]
R1+R2
Voltage Ratio
Dimensions in millimeters
L
+/-3
B
+/-2
d
+/-2
D
+/-1
E
+/-2
F
+/-1
G
UD40
10
40
10M~10G
1:100~
1:20000
158
16
15
12
12.7
5
M4
UD48
10
48
10M~10G
1:100~
1:20000
180
10
10
12
N/A
N/A
M4
UD80
50
80
10M~10G
1:100~
1:20000
308
32
32
18
40
7
M6
1) UD48 of R2 ; custom dimension and termination type availalble , R1 R2 are indivisual body , and able to combined by M4 tap
2) UD40 UD80 ; R1 & R2 are in one body
DIMENSIONS of UD-series [mm]
Willow Technologies Ltd.
Shawlands Court, Newchapel Road, Lingfield, Surrey, RH7 6BL, United Kingdom.
+ 44 (0) 1342 835234
+ 44 (0) 1342 834306
info@willow.co.uk
http://www.willow.co.uk



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com