Electronic Components Datasheet Search
  English  ▼

X  

KNP Datasheet(PDF) 1 Page - Willow Technologies Ltd

Part # KNP
Description  WIREWOUND RESISTORS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WILLOW [Willow Technologies Ltd]
Direct Link  http://www.willow.co.uk
Logo WILLOW - Willow Technologies Ltd

KNP Datasheet(HTML) 1 Page - Willow Technologies Ltd

  KNP Datasheet HTML 1Page - Willow Technologies Ltd KNP Datasheet HTML 2Page - Willow Technologies Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
KNP-SERIES
PRODUCT BULLETIN
DEDICATION TO EXCELLENCE
Rev O
4/4/01
WIREWOUND RESISTORS
FLAME-PROOF
CERAMIC CORE: 75% ALUMINA
LEAD: TIN PLATED COPPER
CAP: TIN PLATED STEEL CAP
COATING: SILICON
WIRE: Cu-Ni OR Ni-Cr WIRE
L
H
D
d
in.
mm
.024
.059
.138
.157
.217
.256
.335
.354
.433
.590
.709
.984
1.063
0.6
1.5
3.5
4.0
5.5
6.5
8.5
9.0
11.0
15.0
18.0
25.0
27.0
1.575
40.0
.020
0.5
.002
0.05
.031
0.8
How to Order
Resistance Tolerance
T300
KNP
1RO
Resistance Value
Temperature Coefficient
Type
1W
Sample Part Number
1.693
43.0
± 5%
Wattage
TEMPERATURE COEFFICIENT
-30°C to 200°C ± 300PPM/°C
Resistance Tolerance ± 5
Note: Resistance up to 27
maximum for Non-Inductive type
Lower or higher resistance values other than the list are also available
TYPE
RATED
WATTS
Resistance range
KNP-1/2W
KNP-1W
KNP-2W
KNP-3W
KNP-5W
KNP-7W
KNP-8W
KNP-10W
TYPE
KNP-1/2W
KNP-1W
KNP-2W
KNP-3W
KNP-5W
KNP-7W
KNP-8W
KNP-10W
DIMENSIONS (mm)
D ±0.5mm
L ±1.5mm
H(MIN)
d ±0.05
3.5
4.0
5.5
5.5
6.5
8.5
8.5
8.5
9
11
15
15
18
25
40
53
25
27
27
27
27
27
27
27
0.60
0.8
0.8
0.8
0.8
0.8
0.8
0.8
1/2W
1W
2W
3W
5W
7W
8W
10W
0.1 - 240R
0.1 - 470R
0.1 - 820R
0.1 - 820R
0.1 - 1.3K
0.1 - 3.3K
0.1 - 2K
Dimensional
Correlation
Subject to change without notice
0.1 - 4.7K
WILLOW TECHNOLOGIES LTD.
SHAWLANDS COURT, NEWCHAPEL ROAD
LINGFIELD, SURREY, RH7 6BL, ENGLAND
Tel. + 44 (0) 1342 835234 Fax. + 44 (0) 1342 834306
E-mail rob@willow.co.uk
Website http://www.willow.co.uk


Similar Part No. - KNP

ManufacturerPart #DatasheetDescription
logo
MERITEK ELECTRONICS COR...
KNP MERITEK-KNP Datasheet
111Kb / 1P
Nonflame Wirewound Resistors
logo
RFE international
KNP RFE-KNP Datasheet
1Mb / 3P
Wire Wound Resistors
OCT-25-2023
logo
YAGEO Corporation
KNP YAGEO-KNP Datasheet
2Mb / 21P
WIREWOUND RESISTORS
April 1, 2024 V.5
logo
Token Electronics Indus...
KNP-1001W0R1FP TOKEN-KNP-1001W0R1FP Datasheet
1Mb / 60P
BWW Precision Wirewound Resistors
KNP-1001W0R1FTB TOKEN-KNP-1001W0R1FTB Datasheet
1Mb / 60P
BWW Precision Wirewound Resistors
More results

Similar Description - KNP

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
AC01 PHILIPS-AC01 Datasheet
398Kb / 24P
Cemented wirewound resistors
2000 Oct 20
logo
List of Unclassifed Man...
KNP050 ETC2-KNP050 Datasheet
132Kb / 1P
Wirewound Resistors
logo
Willow Technologies Ltd
UW-2 WILLOW-UW-2 Datasheet
347Kb / 2P
Ceramic Wirewound Resistors
WW10 WILLOW-WW10 Datasheet
112Kb / 2P
FLAMEPROOF WIREWOUND RESISTORS
logo
Riedon Powertron
SM-2 RIEDON-SM-2 Datasheet
359Kb / 2P
Precision Wirewound Resistors
logo
Vishay Siliconix
RWR81S1R00FS VISHAY-RWR81S1R00FS Datasheet
164Kb / 4P
Wirewound Resistors
30-Mar-12
AC01000001509JAC VISHAY-AC01000001509JAC Datasheet
151Kb / 9P
Cemented Wirewound Resistors
10-Jun-13
AC03000001008JAC00 VISHAY-AC03000001008JAC00 Datasheet
151Kb / 9P
Cemented Wirewound Resistors
10-Jun-13
AC01000002407JA100 VISHAY-AC01000002407JA100 Datasheet
151Kb / 9P
Cemented Wirewound Resistors
10-Jun-13
logo
Welwyn Components Limit...
WA84Z1K5J WELWYN-WA84Z1K5J Datasheet
319Kb / 3P
Mount Wirewound Resistors Mount Wirewound Resistors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com