Electronic Components Datasheet Search
  English  ▼

X  

LA7138M Datasheet(PDF) 2 Page - Sanyo Semicon Device

Part # LA7138M
Description  Monolithic Linear IC For the DVD Player Analog Video Signal I/F Driver
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LA7138M Datasheet(HTML) 2 Page - Sanyo Semicon Device

  LA7138M Datasheet HTML 1Page - Sanyo Semicon Device LA7138M Datasheet HTML 2Page - Sanyo Semicon Device LA7138M Datasheet HTML 3Page - Sanyo Semicon Device LA7138M Datasheet HTML 4Page - Sanyo Semicon Device LA7138M Datasheet HTML 5Page - Sanyo Semicon Device LA7138M Datasheet HTML 6Page - Sanyo Semicon Device LA7138M Datasheet HTML 7Page - Sanyo Semicon Device LA7138M Datasheet HTML 8Page - Sanyo Semicon Device LA7138M Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
LA7138M
No.A0220-2/16
Recommended Operating Conditions at Ta = 25
°C
Parameter
Symbol
Conditions
Ratings
Unit
Recommended supply voltage A
VCC A
*
12.0
V
Operating supply voltage range A
VCCop A
9.0 to 13.0
V
Recommended supply voltage B
VCC B
*
8.0
V
Operating supply voltage range B
VCCop B
7.5 to 8.5
V
Input pin voltage application range
VIN
VCCop A, B+0.3≤13V
-0.3 to VCCop A, B+0.3
V
*:A different operation circuit is recommended for recommended supply voltages A and B. An external operation circuit with a PNP transistor for voltage drop is
recommended for the recommended supply voltage A.
Electrical Characteristics at Ta = 25
°C, VCCA = 9.0 to 13.0V,VCCB = 7.5 to 8.5V
Ratings
Parameter
Symbol
Input
signal
Test
point
Conditions
min
typ
max
Unit
Current drain (1)
ICC1
9pin
Current drain of VIDEO system.
29.6
37.0
44.4
mA
(A) Pin 10 (Y signal) input when the composite/S is selected.
AMP-GAIN (Low)
GYM
Sig.1
T13/15
GAIN when 996mVp-p, 100kHz is entered.
5.05
5.27
5.48
dB
AMP-GAIN (High)
GYH
Sig.1
T13/15
GAIN when 761mVp-p, 100kHz is entered.
7.38
7.6
7.81
dB
Clamp voltage
C10H
Sig.1
T10
Potential of sink chip of T10 when 761mVp-p is
entered.
3.85
4.20
4.55
V
(B) Pin 6 (chroma signal) input when the composite/S is selected.
AMP-GAIN (Low)
GCM
Sig.2
T17/19
GAIN when 711mVp-p, 3.58MHz is entered.
5.05
5.27
5.48
dB
AMP-GAIN (High)
GCH
Sig.2
T17/19
GAIN when 544mVp-p, 3.58MHz is entered.
7.38
7.6
7.81
dB
Chroma input
DC voltage
D6H
Sig.2
T6
Offset voltage of T6 when 544 mVp-p is entered.
4.4
4.75
5.1
V
(C) Pin 3 (composite signal) input when the composite is selected.
AMP-GAIN (Low)
GSM1
Sig.3
T21/23
GAIN when 996mVp-p, 100kHz is entered.
5.05
5.27
5.48
dB
AMP-GAIN (High)
GSH1
Sig.3
T21/23
GAIN when 761mVp-p, 100kHz is entered.
7.38
7.6
7.81
dB
Clamp voltage
C3H
Sig.3
T3
Potential of sink chip of T3 when 761mVp-p is
entered.
4.0
4.35
4.7
V
(D) Pins 6, 10 (S signal) input when the S is selected.
To select “S”, insert a 5.1k
Ω resistor in series with pin 2, (See the block diagram.)
AMP-GAIN (Low)
GSM2
Sig.1
Sig.2
T21/23
GAIN when 996mVp-p, 100kHz or 711mVp-p,
3.58MHz is entered.
4.92
5.27
5.61
dB
AMP-GAIN (High)
GSH2
Sig.1
Sig.2
T21/23
GAIN when 761mVp-p, 100kHz or 544mVp-p,
3.58MHz is entered.
7.25
7.6
7.94
dB
(E) GAIN ratio of signals when the composite is selected.
Y/chroma
-AMP-GAIN ratio
∆YC
Sig.1
Sig.2
T13/15T
17/19
GAIN ratio between GYH of (A) and GCH of (B).
-3
0
3
%
Y/composite-AMP-
GAIN ratio
∆YS1
Sig.1
Sig.3
T13/15
T21/23
GAIN ratio between GYH of (A) and GSH1 of (C).
-3
0
3
%
Chroma/composite
-AMP-GAIN ratio
∆CS1
Sig.2
Sig.3
T17/19
T21/23
GAIN ratio between GCH of (B) and GSH1 of (C).
-3
0
3
%
(F) GAIN ratio of signals when the S signal is selected.
Y/S-AMP-GAIN ratio
∆YS2
Sig.1
Sig.2
T13/15
T21/23
GAIN ratio between GYH of (A) and GSH2 of (D)
-4.5
0
4.5
%
Chroma/S-AMP-
GAIN ratio
∆CS2
Sig.1
Sig.2
T17/19
T21/23
GAIN ratio between GCH of (B) and GSH2 of (D).
-4.5
0
4.5
%
(G) Pin 10 (Y signal) input when the component is selected.
AMP-GAIN (Low)
GYM
Sig.1
T13/15
GAIN when 996mVp-p, 100 kHz is entered.
5.05
5.27
5.48
dB
AMP-GAIN (High)
GYH
Sig.1
T13/15
GAIN when 761mVp-p, 100 kHz is entered.
7.38
7.6
7.81
dB
Y input clamp voltage
C10H
Sig.1
T10
Potential of sink chip of T10 when 761mVp-p is
entered.
3.85
4.20
4.55
V
Continued on next page.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com