Electronic Components Datasheet Search
  English  ▼

X  

LA7358M Datasheet(PDF) 2 Page - Sanyo Semicon Device

Part # LA7358M
Description  Monolithic Linear IC For VCR SECAM Chroma Signal Processor
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LA7358M Datasheet(HTML) 2 Page - Sanyo Semicon Device

  LA7358M Datasheet HTML 1Page - Sanyo Semicon Device LA7358M Datasheet HTML 2Page - Sanyo Semicon Device LA7358M Datasheet HTML 3Page - Sanyo Semicon Device LA7358M Datasheet HTML 4Page - Sanyo Semicon Device LA7358M Datasheet HTML 5Page - Sanyo Semicon Device LA7358M Datasheet HTML 6Page - Sanyo Semicon Device LA7358M Datasheet HTML 7Page - Sanyo Semicon Device LA7358M Datasheet HTML 8Page - Sanyo Semicon Device LA7358M Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
LA7358M
No.A0247-2/17
Electrical Characteristics Ta = 25
°C, VCC = 5V
Ratings
Parameter
Symbol
Input
Test
point
Conditions
min
typ
max
Unit
REC mode current drain
ICCR
S16
A23
V5 = 0V, V17 = 0V,
S29 = Comp.Sync
S16 = Color bar signal (Fig.1)
50
70
90
mA
4.3MHz BPF
characteristics (1)
VF4C
S16
T18
V5 = 5V, V17 = 0V,
S29 = Comp.Sync
S16 = sine wave
(200mVp-p, f = 4.286MHz)
145
180
215
mVp-p
4.3MHz BPF
characteristics (2)
GF4L1
S16
T18
V5 = 5V, V17 = 0V,
S29 = Comp.Sync
S16 = sine wave
(200mVp-p, f = 1.1MHz)
referenced (0dB) to VF4C.
-30
-20
dB
4.3MHz BPF
characteristics (3)
GF4L2
S16
T18
V5 = 5V, V17 = 0V,
S29 = Comp.Sync
S16 = sine wave
(200mVp-p, f = 2.2MHz)
referenced (0dB) to VF4C.
-10
-5
dB
4.3MHz BPF
characteristics (4)
GF4H
S16
T18
V5 = 5V, V17 = 0V,
S29 = Comp.Sync
S16 = sine wave
(200mVp-p, f = 7.5MHz)
referenced (0dB) to VF4C.
-30
-20
dB
REC BELL
center frequency
FBLR1
S16
T22
V5 = 0V, V17 = 0V, SW22B = ON
S16 = sine wave
(200mVp-p, f = 4 to 5MHz)
S29 = Comp.Sync (Note1)
4.243
4.286
4.329
MHz
REC BELL
charecterictics (1)
VBLRC
S16
T22
V5 = 0V, V17 = 0V, SW22B = ON
S16 = sine wave
(200mVp-p, f = FBLR1)
S29 = Comp.Sync
200
250
300
mVp-p
REC BELL
characteristics (2)
GBLRL
S16
T22
V5 = 0V, V17 = 0V, SW22B = ON
S16 = sine wave
(200mVp-p, f = 3.8MHz)
referenced (0dB) to VBLRC.
-14
-11
-8
dB
REC BELL
characteristics (3)
GBLRH
S16
T22
V5 = 0V, V17 = 0V, SW22B = ON
S16 = sine wave
(200mVp-p, f = 4.8MHz)
referenced (0dB) to VBLRC.
-14
-11
-8
dB
REC mode
killer operation level
GKLR
S16
T28
V5 = 0V, V17 = 0V, SW22B = ON, V25
= 3.4V, V26 = 3.7V
S16 = SECAM color bar signal
(level variable)
S29 = Comp.Sync (Note2)
-28
-23
-18
dB
REC EQ center frequency
FEQR1
S22
T12
SW1 = ON, V1 = 5V, V5 = 0V,
V17 = 0V S22 = sine wave
(200mVp-p, f = 4to 5MHz)
SW22A = SW22B = ON,
S29 = Comp.Sync (Note3)
1.0608
1.0715
1.0822
MHz
REC EQ characteristics (1)
VEQRC
S22
T12
SW1 = ON, V1 = 5V, V5 = 0V,
V17 = 0V S22 = sine wave
(200mVp-p, f = FEQR1×4)
SW22A = SW22B = ON,
S29 = Comp.Sync
65
85
105
mVp-p
Continued on next page.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com