Electronic Components Datasheet Search
  English  ▼

X  

MOF Datasheet(PDF) 2 Page - Willow Technologies Ltd

Part # MOF
Description  METAL OXIDE FILM RESISTORS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WILLOW [Willow Technologies Ltd]
Direct Link  http://www.willow.co.uk
Logo WILLOW - Willow Technologies Ltd

MOF Datasheet(HTML) 2 Page - Willow Technologies Ltd

  MOF Datasheet HTML 1Page - Willow Technologies Ltd MOF Datasheet HTML 2Page - Willow Technologies Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Characteristics
REQUIREMENTS
PERFORMANCE
TEST METHOD
Dielectric Withstanding Voltage
Short Time Overload
Resistance to Soldering Heat
Temp. Cycling
Moisture Resistance
Load Life
Insulation Resistance
Flammability
Rmax
±(1% + 0.05Ω)
Rmax
±(1% + 0.05Ω)
Rmax
±(1% + 0.05Ω)
Rmax
± 5%
Rmax
± 5%
Rmax
±(0.5% + 0.05Ω)
4
ΜΩ
without producing a fire hazard.
In accordance with UL 492.2.13
> 10
MIL-STD-202
METHOD 210
METHOD 107
METHOD 106
METHOD 108
METHOD 301
____________
____________
DERATING CURVE
SURFACE TEMP RISE
LOAD %
AMBIENT TEMP (°C)
100
80
60
40
20
0
-50
0
5070 100
150
200 240
250
200
150
100
50
0
0
25
50
75
100
MOF5
MOF4
MOF3
MOF2
MOF1
MOF1/2
REV A
1/25/00
Subject to change without notice
155



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com