Electronic Components Datasheet Search
  English  ▼

X  

MS-5 Datasheet(PDF) 1 Page - Willow Technologies Ltd

Part # MS-5
Description  Bare Metal Element Resistors
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WILLOW [Willow Technologies Ltd]
Direct Link  http://www.willow.co.uk
Logo WILLOW - Willow Technologies Ltd

MS-5 Datasheet(HTML) 1 Page - Willow Technologies Ltd

  MS-5 Datasheet HTML 1Page - Willow Technologies Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
rev.03/2006A
MS Series
PartNumber-Resistance-Tolerance-TCR(Ifnotstandard)
Example:MS-30.05Ohm1%
0
50
100
150
200
250
300
350
0
20
40
60
80
100
120
AmbientTemperature(°C)
PowerDeratingCurve
Resistances from 0.005 to 0.10Ohms
Tolerance to ±1%
Resistance Wire TCR: ± 20ppm/K
For Current Sensing and Shunt Applications
All Welded Construction
Low Inductance ( <10nH )
Economical Bare Metal Element
•
•
•
•
•
•
•
Type
PowerRating
Watts@85°C
Resistance
Range(W)1
Tolerances
TCR
(ppm/K)
Dimensions
L
+0.040/-0.020”
[+1.0/-0.5mm]
D
±0.002”
[±0.05mm]
MS-1
1
0.005to0.10
±1%/±5%
SeeChart
ConsultRiedon
0.032[0.8]
0.040[1.0]
MS-3
3
0.005to0.10
±1%/±5%
SeeChart
ConsultRiedon
0.040[1.0]
MS-5
5
0.005to0.05
±1%/±5%
SeeChart
ConsultRiedon
0.040[1.0]
SPECIFICATIONS
1
CallFactoryforOtherResistances
Temperature Coefficient
of Resistance (TCR)
0
0.01
0.03
0.05
0.07
0.09
0.11
0.13
500
400
300
200
100
0
Resistance Value ( W )
BareMetalElementResistors
Ordering Information
Willow Technologies Ltd. Shawlands Court, Newchapel Road, Lingfield, Surrey, RH7 6BL, United Kingdom.
+ 44 (0) 1342 835234
+ 44 (0) 1342 834306
info@willow.co.uk
http://www.willow.co.uk


Similar Part No. - MS-5

ManufacturerPart #DatasheetDescription
logo
Riedon Powertron
MS-5 RIEDON-MS-5 Datasheet
249Kb / 1P
Bare Metal Element Resistors
logo
List of Unclassifed Man...
MS-5-140 ETC2-MS-5-140 Datasheet
5Mb / 282P
High-Speed Interconnect Technology
MS-5-140-Y ETC2-MS-5-140-Y Datasheet
5Mb / 282P
High-Speed Interconnect Technology
logo
Teledyne Technologies I...
MS-500 TELEDYNE-MS-500 Datasheet
1Mb / 8P
Mixed Signal Oscilloscopes
MS-500-36 TELEDYNE-MS-500-36 Datasheet
1Mb / 8P
Mixed Signal Oscilloscopes
More results

Similar Description - MS-5

ManufacturerPart #DatasheetDescription
logo
Riedon Powertron
MS-1 RIEDON-MS-1 Datasheet
249Kb / 1P
Bare Metal Element Resistors
MSR-1 RIEDON-MSR-1 Datasheet
224Kb / 1P
Bare Metal Element Resistors
logo
Bourns Electronic Solut...
PWR4412-2S BOURNS-PWR4412-2S Datasheet
108Kb / 1P
Bare Metal Element Resistor
PWR4412-2SBR0300J BOURNS-PWR4412-2SBR0300J Datasheet
108Kb / 1P
Bare Metal Element Resistor
logo
Riedon Powertron
MSR RIEDON-MSR Datasheet
130Kb / 1P
Bare Metal Element Resistors
MS-1-0.005-OHM RIEDON-MS-1-0.005-OHM Datasheet
141Kb / 1P
Bare Metal Element Resistors
MSR1-0R01F1 RIEDON-MSR1-0R01F1 Datasheet
130Kb / 1P
Bare Metal Element Resistors
MSR1-0R05F1 RIEDON-MSR1-0R05F1 Datasheet
130Kb / 1P
Bare Metal Element Resistors
MSR5-0R005F1 RIEDON-MSR5-0R005F1 Datasheet
127Kb / 1P
Bare Metal Element Resistors
MSR1-0R1F1 RIEDON-MSR1-0R1F1 Datasheet
127Kb / 1P
Bare Metal Element Resistors
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com