Electronic Components Datasheet Search
  English  ▼

X  

OSM960P Datasheet(PDF) 2 Page - OPTEK Technologies

Part # OSM960P
Description  Six Ele ment SMD Pho todiode Ar ray
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPTEK [OPTEK Technologies]
Direct Link  http://www.optekinc.com
Logo OPTEK - OPTEK Technologies

OSM960P Datasheet(HTML) 2 Page - OPTEK Technologies

  OSM960P Datasheet HTML 1Page - OPTEK Technologies OSM960P Datasheet HTML 2Page - OPTEK Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Type OSM960, OSM960P
Electrical Characteristics (TA = 25
o C unless otherwise noted)
SYMBOL
PARAMETERS
MIN
TYP MAX UNITS
TEST CONDITIONS
Rλ
Responsivity
0.45
A/W
Φ e= 10 µW, λ= 890 nm, V = 0 V
V(BR)R
Reverse Breakdown Voltage
50
V
IR = 100 µA
ID
Reverse Dark Current
10
nA
VR = 10 V
CT
Capacitance
10
pf
VR = 10 V
L x W
Active Area (per diode)
2.9
mm
2
(1.1 mm x 2.6 mm)
Typical Performance Curve
Optek reserves the right to make changes at any time in order to improve design and to supply the best product possible.
Optek Technology, Inc.
1215 W. Crosby Road
Carrollton, Texas 75006
(972) 323-2200
Fax (972) 323-2396
46



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com