Electronic Components Datasheet Search
  English  ▼

X  

RF200 Datasheet(PDF) 2 Page - Willow Technologies Ltd

Part # RF200
Description  Series, High Frequency Power Resistors Thick film,Non-Inductive
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WILLOW [Willow Technologies Ltd]
Direct Link  http://www.willow.co.uk
Logo WILLOW - Willow Technologies Ltd

RF200 Datasheet(HTML) 2 Page - Willow Technologies Ltd

  RF200 Datasheet HTML 1Page - Willow Technologies Ltd RF200 Datasheet HTML 2Page - Willow Technologies Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
RF Series,HighFrequencyPowerResistors
Thick film,Non-Inductive

Resistance Tolerance :
1%,2%,5%,10%
Temperature Coefficient :
Std. 100ppm/ °C, referenced to 25°C, from
-15°C to +105°C, other TCR available upon
requests.
Overload :
5times rated power with applied voltage
not to exceed 1.5times Max. continuous
operating voltage for 5seconds,overload/
overvoltage ΔR 0.50% typ.
Thermal Shock :
Mil-Std-202, Method- 107,Cond. C, ΔR 0.50%
max.
Load Life :
1.000 hours at rated power ΔR 0.5% at DC
AC. ΔR 3.0% at repetivepulse energy
Moisture Resistance:
Mil-Std-202, Method 106, ΔR 0.50% max.
Lead Material : RF07 ~RF5 ;
Tinned copper solderable wire
Insulation Resistance :
10,000Megohms Min.
Termination Cap of Material :
RF07~RF5 ; Tinned Cap & Wire
RF50~RF200; AL alloy Cap M6.
Encapsulation :
High frequency silicone conformal, Glass
SPECIFICATIONS
DERATING CURVE
cf.: The described specifications & dimensions subject to change without notice.
• RF Termination
• RF Dummy Load
• Wave Form Load
• High Frequency
• Charging/Discharging
• AVR ,UPS
• Current dividing
• Elevators control
• Electrical Trains
• Experimentals
• High Frequency Circuits
• Inverters
• Power Braking
• Military
• Hoist Cranes
• Motor Dynamic Braking
• Industrial Vehicles
• Power Supply
• Medical Equipments
• Server Drivers
• Power Loaders
• Snubbers
• Telecomm Equipments
• Shunt
• Testing Equipments
• Inrrush Current Limiters
• Preloads
• Dummy Loads
• Rectifier
• Soft Start
• EMI Suppresions
APPLICATION GUIDE ; RF SERIES
DIMENSIONS [mm]
35 ± 5
A
B
C
5
75
5
75
5
75
00
80
60
40
0
0
Ambient-Temperature (˚C)
Willow Technologies Ltd.
Shawlands Court, Newchapel Road, Lingfield, Surrey, RH7 6BL, United Kingdom.
+ 44 (0) 1342 835234
+ 44 (0) 1342 834306
info@willow.co.uk
http://www.willow.co.uk



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com