Electronic Components Datasheet Search
  English  ▼

X  

UAL Datasheet(PDF) 1 Page - Willow Technologies Ltd

Part # UAL
Description  Aluminum Housed Wirewound Resistors
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WILLOW [Willow Technologies Ltd]
Direct Link  http://www.willow.co.uk
Logo WILLOW - Willow Technologies Ltd

UAL Datasheet(HTML) 1 Page - Willow Technologies Ltd

  UAL Datasheet HTML 1Page - Willow Technologies Ltd UAL Datasheet HTML 2Page - Willow Technologies Ltd UAL Datasheet HTML 3Page - Willow Technologies Ltd UAL Datasheet HTML 4Page - Willow Technologies Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
rev.03/2006A
Power Rating 5 to 300Watts
All Welded Construction
Resistances from 0.005 to 250kOhms
Tolerance to ±0.01%
High Overload and Pulse Handling
Low TCR: ± 20ppm/K Standard
Four Terminal Versions Available
•
•
•
•
•
•
•
SPECIFICATIONS
ForNon-InductiveWindings/inserttheletter“N”(i.e.UALN-25)
PartNumber-Resistance-Tolerance-TCR(Ifnotstandard)
Example:UAL-2510Ohm1%
UAL-25-4T
UAL-25-4
UAL-25-4TR
UAL Series
AluminumHousedWirewoundResistors
Ordering Information
Type
MIL-R-39009
MIL-R-18546
Style
PowerRating(W@25°C)
Resistance
Range1
Commercial
MIL
FreeAir
UAL-5
RER-60/RE-60
7.5a
5a
4.5
0.01to22K
UAL-10
RER-65/RE-65
12.5a
10a
7.5
0.01to47K
UAL-25
RER-70/RE-70
25b
20b
12
0.01to90K
UAL-50
RER-75/RE-75
50c
30c
20
0.01to250K
UAL-100
RER-77/RE-77
100d
75d
40
0.01to50K
UAL-180
-
180d
-
-
0.01to50K
UAL-250
RER-80/RE-80
250d
120d
100
0.01to50K
UAL-300
-
300e
-
75
0.005to100K
1
Fornon-inductivewindings,dividemaximumresistanceby2
a
HeatsinkRequired:0.040[1.0]Alum.Plate,129in2[832cm2]orequiv.
b
HeatsinkRequired:0.040[1.0]Alum.Plate,167in2[1077cm2]orequiv.
c
HeatsinkRequired:0.059[1.5]Alum.Plate,291in2[1877cm2]orequiv.
d
HeatsinkRequired:0.125[3.2]Alum.Plate,294in2[1896cm2]orequiv.
e
HeatsinkRequired:0.125[3.2]Alum.Plate,895in2[5780cm2]orequiv.
Willow Technologies Ltd. Shawlands Court, Newchapel Road, Lingfield, Surrey, RH7 6BL, United Kingdom.
+ 44 (0) 1342 835234
+ 44 (0) 1342 834306
info@willow.co.uk
http://www.willow.co.uk


Similar Part No. - UAL

ManufacturerPart #DatasheetDescription
logo
Riedon Powertron
UAL RIEDON-UAL Datasheet
353Kb / 4P
Aluminum Housed Power Wirewound Resistors
UAL-10 RIEDON-UAL-10 Datasheet
540Kb / 4P
Aluminum Housed Wirewound Resistors
UAL-10 RIEDON-UAL-10 Datasheet
353Kb / 4P
Aluminum Housed Power Wirewound Resistors
UAL-10 RIEDON-UAL-10 Datasheet
353Kb / 4P
Aluminum Housed Power Wirewound Resistors
UAL-10 RIEDON-UAL-10 Datasheet
353Kb / 4P
Aluminum Housed Power Wirewound Resistors
More results

Similar Description - UAL

ManufacturerPart #DatasheetDescription
logo
Riedon Powertron
UAL-5 RIEDON-UAL-5 Datasheet
540Kb / 4P
Aluminum Housed Wirewound Resistors
UAL RIEDON-UAL Datasheet
353Kb / 4P
Aluminum Housed Power Wirewound Resistors
UAL10-2R5F8 RIEDON-UAL10-2R5F8 Datasheet
353Kb / 4P
Aluminum Housed Power Wirewound Resistors
UAL10-20KF8 RIEDON-UAL10-20KF8 Datasheet
353Kb / 4P
Aluminum Housed Power Wirewound Resistors
UAL10-300RF8 RIEDON-UAL10-300RF8 Datasheet
353Kb / 4P
Aluminum Housed Power Wirewound Resistors
UAL25-1K5F8 RIEDON-UAL25-1K5F8 Datasheet
353Kb / 4P
Aluminum Housed Power Wirewound Resistors
UAL25-12RF8 RIEDON-UAL25-12RF8 Datasheet
353Kb / 4P
Aluminum Housed Power Wirewound Resistors
UAL25-15RF8 RIEDON-UAL25-15RF8 Datasheet
353Kb / 4P
Aluminum Housed Power Wirewound Resistors
UAL25-75RF8 RIEDON-UAL25-75RF8 Datasheet
353Kb / 4P
Aluminum Housed Power Wirewound Resistors
UAL25-750RF8 RIEDON-UAL25-750RF8 Datasheet
353Kb / 4P
Aluminum Housed Power Wirewound Resistors
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com