Electronic Components Datasheet Search
  English  ▼

X  

SO20LL Datasheet(PDF) 2 Page - Willow Technologies Ltd

Part # SO20LL
Description  SMT-Precision-R-Networks
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WILLOW [Willow Technologies Ltd]
Direct Link  http://www.willow.co.uk
Logo WILLOW - Willow Technologies Ltd

SO20LL Datasheet(HTML) 2 Page - Willow Technologies Ltd

  SO20LL Datasheet HTML 1Page - Willow Technologies Ltd SO20LL Datasheet HTML 2Page - Willow Technologies Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
SMT-Precision-R-Networks
Type: SCN
Sizes: SOT 143, SOT 223, SO 8, SO 14, SO 16, SO 20L
Technical data – depending on size
Size
SOT 143
SOT 223
SO 8
So 14
SO 16
SO 20L
Power rating P70
(P125 = 0 mW)
125
250
250
250
250
500
Resistance range
10R / 1M
10R / 5M
10R / 5M
10R / 10M
10R / 10M
10R / 10M
Technical data - general:
Working voltage U_, Ueff
100 V Silizium, 250 V Keramik
Tolerance absolute
relative
± 0.05; ± 0.1; ± 0.25; ± 0.5; ± 1%
< 0.0251) ; < 0.05; < 0.1%
TCR
absolute
relative
± 51), ± 102), ± 25, ± 50, x 10-6/K
< 11), < 22), < 5, < 10-6/K
Operating temperature range
- 55°C ... + 125°C
Storage temperature range
- 55°C ... + 155°C
Climatic category acc. to IEC 60068
25/125/56
Solderability IEC 60068 T2-20, Ta Meth. 1
235°C 2s
Max. soldering temperature IEC 60068 T2-20, Tb Meth. 1A 260°C 10s
Long term stability
Tol.< 0.25%
Tol.> 0.25%
1000 h
10000 h
1000 h
10000 h
Storage 125°C/1000h
absolute
relative
< 0.02%
< 0.005%
< 0.06%
< 0.02%
< 0.05%
< 0.01%
< 0.1%
< 0.05%
Storage 155°C/1000h
absolute
relative
< 0.1%
< 0.05%
< 0.2%
< 0.1%
< 0.2%
< 0.1%
< 0.5%
< 0.2%
Damp heat
absolute
(56d/40°C/96%)
relative
< 0.05%
< 0.01%
< 0.10%
< 0.05%
1) Temperature range
0 … + 70°C
2) Temperature range –25 … + 125°C
Issue 01/03
Willow Technologies Ltd. Shawlands Court, Newchapel Road, Lingfield, Surrey, RH7 6BL, United Kingdom
Tel . + 44 (0) 1342 835234 Fax. + 44 (0) 1342 834306 E-Mail. sales@willow.co.uk Web. www.willow.co.uk



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com