Electronic Components Datasheet Search
  English  ▼

X  

UR3 Datasheet(PDF) 2 Page - Willow Technologies Ltd

Part # UR3
Description  Cylindrical Ultra High Ohmic Resistors,Thick film,Non-Inductive
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WILLOW [Willow Technologies Ltd]
Direct Link  http://www.willow.co.uk
Logo WILLOW - Willow Technologies Ltd

UR3 Datasheet(HTML) 2 Page - Willow Technologies Ltd

  UR3 Datasheet HTML 1Page - Willow Technologies Ltd UR3 Datasheet HTML 2Page - Willow Technologies Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
UR CylindricalUltraHighOhmic
Resistors,Thick film,Non-Inductive

SPECIFICATIONS
Temperature
Coefficient
R-Range
1GΩ to 9GΩ
10GΩ to
300GΩ
400GΩ to
1TΩ
1.1TΩ to
10TΩ
ΔR taken at 25ºC
and 70ºC
[ppm/°C]
200
300
1000
1500
Voltage
Coefficient
R-Range
10GΩ to
19GΩ
20GΩ to
100GΩ
200GΩ to
1TΩ
10TΩ
Measured at
100vdc and
1000vdc
VCR
0.002%/V
0.007%/V
0.01%/V
0.05%/V
Resistance
Tolerance [%]
R-Range
1GΩ
2GΩ ~10GΩ
20GΩ ~
100GΩ
200GΩ~1TΩ
10TΩ
Measured at
1000vdc
Standard
Std.
+/-1%(F)
+/-2%(G)
+/-5%(J)
+/-10%(K)
+/-20%
Custom
+/-0.5
+/-1%
+/-2%
+/-5%
+/-10%
Endurable Harsh to Environment
(Temperature ):
-55ºC to +195°C
Max. broken temperature of resistives is
600℃ (for 70min.)
Thermal Shock :
Mil-Std-202, Method- 107, Cond. C, ΔR
0.50% max.
Load Life :
1.000 hours at rated power ΔR 0.7% max.
Insulation Resistance :
10,000MΩ Min.
Cap & Lead of Material:
Tinned Cap., tinned copper wire
Encapsulation :
Anti-humidity Epoxy conformal.coat
Resistive Material :
Thick Film.
Contact method between Resistives and
Termination Caps :
Individual Conductive Pads . So , called
"NCR" Non-contact resistance.
cf.: The described specifications & dimensions subject to change without notice.
DERATING CURVE
5
75
5
75
95
00
80
60
40
0
0
Ambient-Temperature (˚C)
35 ± 5
A
B
C
DIMENSIONS [mm]
Willow Technologies Ltd. Shawlands Court, Newchapel Road, Lingfield, Surrey, RH7 6BL, United Kingdom.
+ 44 (0) 1342 835234
+ 44 (0) 1342 834306
info@willow.co.uk
http://www.willow.co.uk



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com