Electronic Components Datasheet Search
  English  ▼

X  

VR10 Datasheet(PDF) 1 Page - ZKTECO CO., LTD. All rights reserved.

Part # VR10
Description  Radar for the Parking Barrier Parameter Settings with an App
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZKTECO [ZKTECO CO., LTD. All rights reserved.]
Direct Link  https://www.zkteco.com/en/
Logo ZKTECO - ZKTECO CO., LTD. All rights reserved.

VR10 Datasheet(HTML) 1 Page - ZKTECO CO., LTD. All rights reserved.

  VR10 Datasheet HTML 1Page - ZKTECO CO., LTD. All rights reserved. VR10 Datasheet HTML 2Page - ZKTECO CO., LTD. All rights reserved.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
VR10 Pro is the second generation of ZKTeco radars developed to detect and identify various vehicles (motorcycles,
cars, trucks, etc.) and pedestrians near the barrier gate.
Through linkage with the main board of the barrier gate, VR10 Pro can help prevent vehicles from smashing into any
obstacles or damaging any properties or passers-by while allowing automatic boom closing. Compared to the loop
detector, it offers flexible installation and lower labor costs. Also, users could set parameters of VR10 Pro with a mobile
app (Radar Assistant) when connected it to Bluetooth.
Features
· Vehicles and pedestrians detection
· Supports Bluetooth communication, allowing upgrade and debug with a mobile App(Radar Assistant)
· Supports RS485 communication, allowing upgrade and debug with a PC
· Flexible installation
· Works normally under ambient weather conditions (IP67)
· Detection distance adjustable from 1m to 6m
· Supports straight boom
Introduction of the Radar App (Radar Assistant)
Supports Android and iOS systems
One-click connection with the radar on a mobile
phone by Bluetooth
Bluetooth communication distance ranges from 3m to 5m
The radar detection distance, background recording, radar
status, radar rebooting, and other parameters can be set
with the mobile app
Firmware upgrade can be done with the app
·
·
·
·
·
VR10 Pro
Radar for the Parking Barrier
Parameter Settings with an App


Similar Part No. - VR10

ManufacturerPart #DatasheetDescription
logo
Cornell Dubilier Electr...
VR10 CDE-VR10 Datasheet
490Kb / 3P
Type VR Vertical Mounting Clamp, Type TH Horizontal Mounting Clip
logo
List of Unclassifed Man...
VR1000 ETC1-VR1000 Datasheet
72Kb / 2P
AM VIDEO MINI TRANSMITTER-DIRECT CAMERA MOUNT
VR1001 ETC1-VR1001 Datasheet
72Kb / 2P
AM VIDEO MINI TRANSMITTER-DIRECT CAMERA MOUNT
logo
Murata Power Solutions ...
VR100B080CU-2C MURATA-PS-VR100B080CU-2C Datasheet
151Kb / 6P
DC/DC Converter Programmable, Single Output, 0.8375V - 1.600Vout @ 80A
logo
C&D Technologies
VR102B150CS-2C CANDD-VR102B150CS-2C Datasheet
117Kb / 5P
DC/DC Converter Programmable, Single Output, 0.8375V - 1.600Vout @ 150A
More results

Similar Description - VR10

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
AN574 MAXIM-AN574 Datasheet
27Kb / 5P
App Note 101: Using the Secure Microcontroller Watchdog Timer
Aug 10, 2001
logo
Agilent(Hewlett-Packard...
4155C HP-4155C Datasheet
230Kb / 14P
Parameter Analyzer
logo
List of Unclassifed Man...
7850E ETC2-7850E Datasheet
1Mb / 11P
Preparing an Image for the Universal Communicator
logo
STMicroelectronics
AN2353 STMICROELECTRONICS-AN2353 Datasheet
180Kb / 18P
Designing an application with the ST10F27x devices
24-Sep-2013
AN2595 STMICROELECTRONICS-AN2595 Datasheet
240Kb / 20P
Designing an application with the ST10F27xZx devices
31-Jul-2007
AN2972 STMICROELECTRONICS-AN2972 Datasheet
1Mb / 25P
Designing an antenna for the M24LRxx-R
21-Dec-2012
STEVAL-IDI003V2 STMICROELECTRONICS-STEVAL-IDI003V2 Datasheet
288Kb / 6P
Android app available
19-May-2016
logo
List of Unclassifed Man...
88950109 ETC2-88950109 Datasheet
117Kb / 2P
Directly compatible with the "Potentiometer" parameter of an analogue input on the Millenium 3
logo
NXP Semiconductors
KITMPR121EVM NXP-KITMPR121EVM Datasheet
994Kb / 26P
Voltage Settings
July 30, 2009
logo
Endress+Hauser Group Se...
CM72 EH-CM72 Datasheet
992Kb / 12P
Single-parameter transmitter for Memosens sensors
2022-08-05
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com