Electronic Components Datasheet Search
  English  ▼

X  

UT150 Datasheet(PDF) 2 Page - Willow Technologies Ltd

Part # UT150
Description  Thicker Film Tubular type Non-Inductive Resistors for Ultra High Voltage, High Energy
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WILLOW [Willow Technologies Ltd]
Direct Link  http://www.willow.co.uk
Logo WILLOW - Willow Technologies Ltd

UT150 Datasheet(HTML) 2 Page - Willow Technologies Ltd

  UT150 Datasheet HTML 1Page - Willow Technologies Ltd UT150 Datasheet HTML 2Page - Willow Technologies Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
UT ThickerFilmTubulartypeNon-Inductive
Resistors for Ultra High Voltage, High Energy

Resistance Tolerance :
1%,2%,5%,10%
Temperature Coefficient :
Std. 100ppm/ °C, referenced to 25°C, from
-15°C to +105°C, other TCR on requests.
Overload :
5times rated power with applied voltage
not to exceed 1.5times Max. continuous
operating voltage for 5 seconds, overload/
overvoltage ΔR 0.50% max.
Thermal Shock :
Mil-Std-202, Method- 107,Cond. C,ΔR 0.50%
max.
Load Life :
1.000 hours at rated power ΔR 1.0% typ.
Moisture Resistance:
Mil-Std-202, Method 106, ΔR 0.50%.
Insulation Resistance :
10,000Megohms Min.
Termination Cap of Material :
Aluminum Alloy , Bronz
M4 / M6 Cap, &Rug available
Encapsulation :
Epoxy /silicone confomal/ Glass /
SPECIFICATIONS
DERATING CURVE
cf.: The described specifications & dimensions subject to change without notice.
· Automated Test (ATE)
· Medical (Imaging)
· Ion Source
· Chromatography (Gas)
· Medical (PET, CT)
· Medical (Radiation
Therapy)
· Military , Radar
· Plasmas ,Lasers
· Measurements (High
Voltage)
· Capacitor Charging
· Microwave (Klystron)
· Medical (Blood Analyzers)
· Corona Generators
· Multichannel Analyzers
· Ozone Generating
· Detectors Nuclear
· Gamma Cameras
· Electron Beam Testing
· Surface Analysis
· CRT, X-Ray , MRI
· Electrophoresis
· Image Intensifier
· Surface Analysis
· Piezo. Focusing (Poling)
· High Voltage Dividers
· Stress Testing
· Agricultural Sensors
· Ion Beam
· Arc Furnace Damping
· High Voltage Snubbers
· Pulse Forming Networks
· Energy Research
· EMI
· Tube Arc Protection
APPLICATION GUIDE ; UT SERIES
5
75
5
75
5
00
80
60
40
0
0
Ambient-Temperature (˚C)
Model Nr.
Single
Impulse
Voltage
1.2/50㎲
[kV]
Std. R-
vlaue[Ω]
Low Extended
R-value[Ω]
Hi Extended
R-value[Ω]
UT20
77
1K~1G
20R~0.9K
1.1G~10T
UT35
50
1K~1G
10R~0.9K
1.1G~10T
UT50
77
1K~1G
10R~0.9K
1.1G~10T
UT70
100
1K~1G
10R~0.9K
1.1G~10T
UT100
150
1K~1G
10R~0.9K
1.1G~10T
UT150
150
1K~1G
10R~0.9K
1.1G~10T
* Electrical Specification for 20kΩ ~
1000MΩ only
rev.11/2005A
Willow Technologies Ltd. Shawlands Court, Newchapel Road, Lingfield, Surrey, RH7 6BL, United Kingdom.
+ 44 (0) 1342 835234
+ 44 (0) 1342 834306
info@willow.co.uk
http://www.willow.co.uk



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com