Electronic Components Datasheet Search
  English  ▼

X  

CDX4ACT164 Datasheet(PDF) 12 Page - Texas Instruments

Part # CDX4ACT164
Description  CDx4AC164, CDx4ACT164 8-Bit Serial-In/Parallel-Out Shift Register
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CDX4ACT164 Datasheet(HTML) 12 Page - Texas Instruments

Back Button CDX4ACT164 Datasheet HTML 8Page - Texas Instruments CDX4ACT164 Datasheet HTML 9Page - Texas Instruments CDX4ACT164 Datasheet HTML 10Page - Texas Instruments CDX4ACT164 Datasheet HTML 11Page - Texas Instruments CDX4ACT164 Datasheet HTML 12Page - Texas Instruments CDX4ACT164 Datasheet HTML 13Page - Texas Instruments CDX4ACT164 Datasheet HTML 14Page - Texas Instruments CDX4ACT164 Datasheet HTML 15Page - Texas Instruments CDX4ACT164 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 19 page
background image
7.2.1 Design Requirements
7.2.1.1 Power Considerations
Ensure the desired supply voltage is within the range specified in the Recommended Operating Conditions.
The supply voltage sets the device's electrical characteristics of the device as described in the Electrical
Characteristics section.
The positive voltage supply must be capable of sourcing current equal to the maximum static supply current, ICC,
listed in the Electrical Characteristics, and any transient current required for switching.
The ground must be capable of sinking current equal to the total current to be sunk by all outputs of the
CDx4AC(T)164 plus the maximum supply current, ICC, listed in the Electrical Characteristics, and any transient
current required for switching. The logic device can only sink as much current that can be sunk into its ground
connection. Ensure the maximum total current through GND listed in the Absolute Maximum Ratings is not
exceeded.
The CDx4AC(T)164 can drive a load with a total capacitance less than or equal to 50pF while still meeting all of
the data sheet specifications. Larger capacitive loads can be applied; however, it is not recommended to exceed
50pF.
The CDx4AC(T)164 can drive a load with total resistance described by RL ≥ VO / IO, with the output voltage and
current defined in the Electrical Characteristics table with VOL. When outputting in the HIGH state, the output
voltage in the equation is defined as the difference between the measured output voltage and the supply voltage
at the VCC pin.
Total power consumption can be calculated using the information provided in CMOS Power Consumption and
Cpd Calculation.
Thermal increase can be calculated using the information provided in Thermal Characteristics of Standard Linear
and Logic (SLL) Packages and Devices.
CAUTION
The maximum junction temperature, TJ(max) listed in the Absolute Maximum Ratings, is an additional
limitation to prevent damage to the device. Do not violate any values listed in the Absolute Maximum
Ratings. These limits are provided to prevent damage to the device.
CD54AC164, CD74AC164, CD54ACT164, CD74ACT164
SCHS240D – NOVEMBER 1998 – REVISED OCTOBER 2024
www.ti.com
12
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: CD54AC164 CD74AC164 CD54ACT164 CD74ACT164



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com