Electronic Components Datasheet Search
  English  ▼

X  

CD74ACT174M96 Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # CD74ACT174M96
Description  CDx4ACT174 Hex D-Type Flip-Flops with Clear
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CD74ACT174M96 Datasheet(HTML) 8 Page - Texas Instruments

Back Button CD74ACT174M96 Datasheet HTML 4Page - Texas Instruments CD74ACT174M96 Datasheet HTML 5Page - Texas Instruments CD74ACT174M96 Datasheet HTML 6Page - Texas Instruments CD74ACT174M96 Datasheet HTML 7Page - Texas Instruments CD74ACT174M96 Datasheet HTML 8Page - Texas Instruments CD74ACT174M96 Datasheet HTML 9Page - Texas Instruments CD74ACT174M96 Datasheet HTML 10Page - Texas Instruments CD74ACT174M96 Datasheet HTML 11Page - Texas Instruments CD74ACT174M96 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 25 page
background image
A.
CL includes probe and test-fixture capacitance.
B.
Waveform 1 is for an output with internal conditions such that the output is low except when disabled by the output control. Waveform 2
is for an output with internal conditions such that the output is high except when disabled by the output control.
C.
All input pulses are supplied by generators having the following characteristics: PRR ≤ 1 MHz, ZO = 50 Ω, tr = 3 ns, tf = 3 ns. Phase
relationships between waveforms are arbitrary.
D.
For clock inputs, fmax is measured with the input duty cycle at 50%.
E.
The outputs are measured one at a time with one input transition per measurement.
F.
tPLH and tPHL are the same as tpd.
G.
tPZL and tPZH are the same as ten.
H.
tPLZ and tPHZ are the same as tdis.
I.
All parameters and waveforms are not applicable to all devices.
TEST
S1
tPLH/tPHL
Open
tPLZ/tPZL
2 × VCC
tPHZ/tPZH
GND
CD54ACT174, CD74ACT174
SCHS344B – APRIL 2003 – REVISED OCTOBER 2024
www.ti.com
8
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: CD54ACT174 CD74ACT174



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com