Electronic Components Datasheet Search
  English  ▼

X  

LM4040 Datasheet(PDF) 16 Page - Texas Instruments

Click here to check the latest version.
Part # LM4040
Description  LM4040 Precision Micropower Shunt Voltage Reference
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM4040 Datasheet(HTML) 16 Page - Texas Instruments

Back Button LM4040 Datasheet HTML 12Page - Texas Instruments LM4040 Datasheet HTML 13Page - Texas Instruments LM4040 Datasheet HTML 14Page - Texas Instruments LM4040 Datasheet HTML 15Page - Texas Instruments LM4040 Datasheet HTML 16Page - Texas Instruments LM4040 Datasheet HTML 17Page - Texas Instruments LM4040 Datasheet HTML 18Page - Texas Instruments LM4040 Datasheet HTML 19Page - Texas Instruments LM4040 Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 58 page
background image
6.15 LM4040C41I, LM4040D41I Electrical Characteristics
at industrial temperature range, full-range TA = –40°C to 85°C (unless otherwise noted)
PARAMETER
TEST CONDITIONS
TA
LM4040C41I
LM4040D41I
UNIT
MIN
TYP
MAX
MIN
TYP
MAX
VZ
Reverse breakdown voltage
IZ = 100μA
25°C
4.096
4.096
V
ΔVZ
Reverse breakdown voltage
tolerance
IZ = 100μA
25°C
–20
20
–41
41
mV
Full range
–47
47
–81
81
IZ,min
Minimum cathode current
25°C
50
83
50
83
μA
Full range
88
88
αVZ
Average temperature coefficient
of reverse breakdown voltage (2)
IZ = 10mA
25°C
±30
±30
ppm/°C
IZ = 1mA
25°C
±20
±20
Full range
±100
±150
IZ = 100μA
25°C
±20
±20
DVZ
DIZ
Reverse breakdown voltage
change with cathode current
change
IZ,min < IZ < 1mA
25°C
0.5
0.9
0.5
1.2
mV
Full range
1.2
1.5
1mA < IZ < 15mA
25°C
3
7
3
9
Full range
10
13
ZZ
Reverse dynamic impedance
IZ = 1mA, f = 120Hz,
IAC = 0.1 IZ
25°C
0.5
1
0.5
1.3
Ω
eN
Wideband noise
IZ = 100μA,
10Hz ≤ f ≤ 10kHz
25°C
80
80
μVRMS
Long-term stability of reverse
breakdown voltage
t = 1000 h,
TA = 25°C ± 0.1°C,
IZ = 100μA
120
120
ppm
VHYST Thermal hysteresis(1)
ΔTA = –40°C to 125°C
0.08%
0.08%
—
(1)
Thermal hysteresis is defined as the difference in voltage measured at 25°C after cycling to temperature –40°C and the 25°C
measurement after cycling to temperature 125°C.
(2)
The overtemperature limit for Reverse Breakdown Voltage Tolerance is defined as the room temperature Reverse Breakdown
Voltage Tolerance ±[(ΔVR/ΔT)(maxΔT)(VR)]. Where, ΔVR/ΔT is the VR temperature coefficient, maxΔT is the maximum difference
in temperature from the reference point of 25°C to T MIN or TMAX, and VR is the reverse breakdown voltage. The total overtemperature
tolerance for the different grades in the industrial temperature range where maxΔT = 65°C is shown below:
A-grade: ±0.75% = ±0.1% ±100ppm/°C × 65°C
B-grade: ±0.85% = ±0.2% ±100ppm/°C × 65°C
C-grade: ±1.15% = ±0.5% ±100ppm/°C × 65°C
D-grade: ±1.98% = ±1.0% ±150ppm/°C × 65°C
The total overtemperature tolerance for the different grades in the extended temperature range where max ΔT = 100 °C is shown
below:
C-grade: ±1.5% = ±0.5% ±100ppm/°C × 100°C
D-grade: ±2.5% = ±1.0% ±150ppm/°C × 100°C
Therefore, as an example, the A-grade 2.5V LM4040 has an overtemperature Reverse Breakdown Voltage tolerance of ±2.5V × 0.75%
= ±19mV.
LM4040A, LM4040B, LM4040C, LM4040D
SLOS456O – JANUARY 2005 – REVISED JUNE 2024
www.ti.com
16
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: LM4040A LM4040B LM4040C LM4040D



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com