Electronic Components Datasheet Search
  English  ▼

X  

OPA237 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # OPA237
Description  SINGLE-SUPPLY OPERATIONAL AMPLIFIERS MicroAmplifier Series
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA237 Datasheet(HTML) 2 Page - Texas Instruments

  OPA237 Datasheet HTML 1Page - Texas Instruments OPA237 Datasheet HTML 2Page - Texas Instruments OPA237 Datasheet HTML 3Page - Texas Instruments OPA237 Datasheet HTML 4Page - Texas Instruments OPA237 Datasheet HTML 5Page - Texas Instruments OPA237 Datasheet HTML 6Page - Texas Instruments OPA237 Datasheet HTML 7Page - Texas Instruments OPA237 Datasheet HTML 8Page - Texas Instruments OPA237 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 25 page
background image
OPA237
OPA2237
OPA4237
SBOS057A − OCTOBER 1996 − REVISED FEBRUARY 2007
www.ti.com
2
ABSOLUTE MAXIMUM RATINGS(1)
Supply Voltage, V+ to V−
36V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Input Voltage
(V−) −0.7V to (V+) +0.7V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Output Short-Circuit(2)
Continuous
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Operating Temperature Range
−55
°C to +125°C
. . . . . . . . . . . . . . . . . . . . . .
Storage Temperature Range
−55
°C to +125°C
. . . . . . . . . . . . . . . . . . . . . . . .
Junction Temperature Range
+150
°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
(1) Stresses above these ratings may cause permanent damage.
Exposure to absolute maximum conditions for extended periods
may degrade device reliability. These are stress ratings only, and
functional operation of the device at these or any other conditions
beyond those specified is not implied.
(2) Short circuit to ground, one amplifier per package.
This integrated circuit can be damaged by ESD. Texas
Instruments recommends that all integrated circuits be
handled with appropriate precautions. Failure to observe
proper handling and installation procedures can cause damage.
ESD damage can range from subtle performance degradation to
complete device failure. Precision integrated circuits may be more
susceptible to damage because very small parametric changes could
cause the device not to meet its published specifications.
PACKAGE/ORDERING INFORMATION(1)
PRODUCT
PACKAGE−LEAD
PACKAGE DRAWING
PACKAGE MARKING
Single
SOT23-5
DBV
A37A
OPA237NA
SOT23-5
DBV
A37A
OPA237UA
SO-8
D
OPA237UA
Dual
MSOP-8
DGK
B37A
OPA2237EA
MSOP-8
DGK
B37A
OPA2237UA
SO-8
D
OPA2237UA
Quad(2)
SSOP-16
DBQ
OPA4237UA
OPA4237UA
SSOP-16
DBQ
OPA4237UA
(1) For the most current package and ordering information, see the Package Option Addendum at the end of this document, or see the TI website
at www.ti.com.
(2) Quad version is obsolete.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com