Electronic Components Datasheet Search
  English  ▼

X  

OPA810 Datasheet(PDF) 19 Page - Texas Instruments

Click here to check the latest version.
Part # OPA810
Description  OPAx863A High-Precision, 105MHz, Rail-to-Rail Input/Output Amplifiers
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA810 Datasheet(HTML) 19 Page - Texas Instruments

Back Button OPA810 Datasheet HTML 15Page - Texas Instruments OPA810 Datasheet HTML 16Page - Texas Instruments OPA810 Datasheet HTML 17Page - Texas Instruments OPA810 Datasheet HTML 18Page - Texas Instruments OPA810 Datasheet HTML 19Page - Texas Instruments OPA810 Datasheet HTML 20Page - Texas Instruments OPA810 Datasheet HTML 21Page - Texas Instruments OPA810 Datasheet HTML 22Page - Texas Instruments OPA810 Datasheet HTML 23Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 42 page
background image
7 Detailed Description
7.1 Overview
The OPAx863A bipolar voltage-feedback amplifiers offer a 50-MHz gain-bandwidth product with a proprietary
in-package trim technology for high-precision performance with a maximum 95
‑µV input offset voltage and
1.2
‑µV/℃ offset drift. The OPAx863A are low-power, rail-to-rail input and output (RRIO) operational amplifiers
with a voltage noise density of 6.3 nV/√Hz and a 1/f noise corner at 25 Hz. The OPAx863A work with a wide-
supply voltage range of 2.7 V to 12.6 V and consume only 800 µA of quiescent current. The OPAx863A operate
with a 2.7
‑V supply, are RRIO capable, consume low power, and offer a power-down mode, which makes them
an excellent amplifier choice for 3.3
‑V or lower voltage applications that need excellent ac performance. The
main and auxiliary input stages of the amplifier are matched for gain bandwidth product (GBW), noise, and offset
voltage, and designed for applications that require a wide dynamic input range and good SNR.
The device includes an overload power limit feature that limits the increase in quiescent current with overdriven
and saturated outputs to either of the supply rails. For more details of this overload power limit feature, see
Section 7.3.2.1. The amplifier output is protected against short-circuit fault conditions.
The OPAx863A feature a power-down mode (PD) with a PD quiescent current of 20 µA (maximum) with a 3
‑V
supply, and a turn-on and turn-off time less than 8 µs.
7.2 Functional Block Diagram
Auxiliary
NPN-
Stage
VS+
EN
Main
PNP-
Stage
VS–
EN
VS+ –1.6 V
VIN+
VIN–
VOUT
+
+
+
OPAx863A
CC
–
–
–
–
Output
Short-Circuit
Protection
Overload
Power
Limiting
PD
www.ti.com
OPA863A, OPA2863A
SBOSA95F – MAY 2022 – REVISED OCTOBER 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
19
Product Folder Links: OPA863A OPA2863A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com