Electronic Components Datasheet Search
  English  ▼

X  

SN74HC166DBR Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # SN74HC166DBR
Description  SNx4HC166 8-Bit Parallel-Load Shift Registers
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74HC166DBR Datasheet(HTML) 4 Page - Texas Instruments

  SN74HC166DBR Datasheet HTML 1Page - Texas Instruments SN74HC166DBR Datasheet HTML 2Page - Texas Instruments SN74HC166DBR Datasheet HTML 3Page - Texas Instruments SN74HC166DBR Datasheet HTML 4Page - Texas Instruments SN74HC166DBR Datasheet HTML 5Page - Texas Instruments SN74HC166DBR Datasheet HTML 6Page - Texas Instruments SN74HC166DBR Datasheet HTML 7Page - Texas Instruments SN74HC166DBR Datasheet HTML 8Page - Texas Instruments SN74HC166DBR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 35 page
background image
5 Specifications
5.1 Absolute Maximum Ratings
over operating free-air temperature range (unless otherwise noted)(1)
MIN
MAX
UNIT
VCC
Supply voltage range
–0.5
7
V
IIK
Input clamp current(2)
VI < 0 or VI > VCC
±20
mA
IOK
Output clamp current(2)
VO < 0 or VO > VCC
±20
mA
IO
Continuous output current
VO = 0 to VCC
±25
mA
Continuous current through VCC or GND
±50
mA
TJ
Junction temperature
150
°C
Tstg
Storage temperature
–65
150
°C
(1)
Stresses beyond those listed under absolute maximum ratings may cause permanent damage to the device. These are stress ratings
only and functional operation of the device at these or any other conditions beyond those indicated under Section 5.2 is not implied.
Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
The input and output voltage ratings may be exceeded if the input and output current ratings are observed.
5.2 Recommended Operating Conditions(1)
SN54HC166
SN74HC166
UNIT
MIN
NOM
MAX
MIN
NOM
MAX
VCC
Supply voltage
2
5
6
2
5
6
V
VIH
High-level input voltage
VCC = 2 V
1.5
1.5
V
VCC = 4.5 V
3.15
3.15
VCC = 6 V
4.2
4.2
VIL
Low-level input voltage
VCC = 2 V
0.5
0.5
V
VCC = 4.5 V
1.35
1.35
VCC = 6 V
1.8
1.8
VI
Input voltage
0
VCC
0
VCC
V
VO
Output voltage
0
VCC
0
VCC
V
Δt/Δv(2)
Input transition rise/fall time
VCC = 2 V
1000
1000
ns
VCC = 4.5 V
500
500
VCC = 6 V
400
400
TA
Operating free-air temperature
−55
125
−40
85
°C
(1)
All unused inputs of the device must be held at VCC or GND to ensure proper device operation. Refer to the TI application report,
Implications of Slow or Floating CMOS Inputs, literature number SCBA004.
(2)
If this device is used in the threshold region (from VILmax = 0.5 V to VIHmin = 1.5 V), there is a potential to go into the wrong state
from induced grounding, causing double clocking. Operating with the inputs at tt = 1000 ns and VCC = 2 V does not damage the device;
however, functionally, the CLK inputs are not ensured while in the shift, count, or toggle operating modes.
5.3 Thermal Information
THERMAL METRIC
D (SOIC)
DB (SSOP)
N (PDIP)
NS (SO)
PW (TSSOP)
UNIT
16 PINS
16 PINS
16 PINS
16 PINS
16 PINS
RθJA
Junction-to-ambient thermal
resistance
(1)
73
82
67
64
108
°C/W
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC package thermal metrics application
report.
SN54HC166, SN74HC166
SCLS117E – DECEMBER 1982 – REVISED FEBRUARY 2022
www.ti.com
4
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: SN54HC166 SN74HC166



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com