Electronic Components Datasheet Search
  English  ▼

X  

WW1 Datasheet(PDF) 2 Page - Willow Technologies Ltd

Part # WW1
Description  FLAMEPROOF WIREWOUND RESISTORS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WILLOW [Willow Technologies Ltd]
Direct Link  http://www.willow.co.uk
Logo WILLOW - Willow Technologies Ltd

WW1 Datasheet(HTML) 2 Page - Willow Technologies Ltd

  WW1 Datasheet HTML 1Page - Willow Technologies Ltd WW1 Datasheet HTML 2Page - Willow Technologies Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Derating Curve
AMBIENT TEMP (°C)
100
80
60
40
20
0
25
50
75
100
125
150
175
200
225
250
275
300
325
350
CHAR. U
CHAR. V
Subject to change without notice
ENVIRONMENTAL
SPECIFICATIONS
CHARACTERISTIC
LOAD LIFE
MOISTURE RESISTANCE
THERMAL SHOCK
SHORT TIME OVERLOAD
DIELECTRIC STRENGTH
LOW TEMP. STORAGE
HIGH TEMP. EXPOSURE
TERMINAL STRENGTH
SHOCK
VIBRATION
± .5% + .05
Ω
U
V
± .2% + .05
Ω
± .1% + .05
Ω
± .2% + .05 Ω
± .2% + .05
Ω
± .2% + .05 Ω
± .1% + .05
Ω
± .1% + .05 Ω
± .1% + .05
Ω
± .5% + .05
Ω
± .5% + .05
Ω
± .1% + .05
Ω
± .1% + .05 Ω
± .1% + .05
Ω
± .2% + .05 Ω
± .5% + .05
Ω
± .1% + .05
Ω
± .2% + .05 Ω
± .2% + .05
Ω
± 3.0% + .05
Ω
WW Series resistors have an operating
temperature of -55°C to +350°C.
They must be derated for use at high
ambient temperatures as shown above.
Resistors with characteristic V are available
in 3%, 5% and 10% only.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com