Electronic Components Datasheet Search
  English  ▼

X  

ST10F269Z1T3 Datasheet(PDF) 5 Page - STMicroelectronics

Part # ST10F269Z1T3
Description  16-BIT MCU WITH MAC UNIT, 128K to 256K BYTE FLASH MEMORY AND 12K BYTE RAM
PDF  184 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10F269Z1T3 Datasheet(HTML) 5 Page - STMicroelectronics

  ST10F269Z1T3 Datasheet HTML 1Page - STMicroelectronics ST10F269Z1T3 Datasheet HTML 2Page - STMicroelectronics ST10F269Z1T3 Datasheet HTML 3Page - STMicroelectronics ST10F269Z1T3 Datasheet HTML 4Page - STMicroelectronics ST10F269Z1T3 Datasheet HTML 5Page - STMicroelectronics ST10F269Z1T3 Datasheet HTML 6Page - STMicroelectronics ST10F269Z1T3 Datasheet HTML 7Page - STMicroelectronics ST10F269Z1T3 Datasheet HTML 8Page - STMicroelectronics ST10F269Z1T3 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 184 page
background image
ST10F269
5/184
TABLE OF CONTENTS
PAGE
21.4.7 -
Phase Locked Loop ..................................................................................... 149
21.4.8 -
External Clock Drive XTAL1 ........................................................................ 150
21.4.9 -
Memory Cycle Variables ............................................................................. 151
21.4.10 - Multiplexed Bus ........................................................................................... 152
21.4.11 - Demultiplexed Bus ...................................................................................... 160
21.4.12 - CLKOUT and READY ................................................................................. 168
21.4.13 - External Bus Arbitration ............................................................................... 171
21.4.14 - High-Speed Synchronous Serial Interface (SSC) Timing ............................ 174
21.4.14.1Master Mode ................................................................................ 174
21.4.14.2Slave mode .................................................................................. 175
22 -
Package Mechanical Data ..................................................................................... 178
23 -
Ordering Information ............................................................................................... 180
ERRATA SHEET
1 -
DESCRIPTION ....................................................................................................... 181
2 -
FUNCTIONAL PROBLEMS .................................................................................... 181
2.1 -
PWRDN.1 - EXECUTION OF PWRDN INSTRUCTION ............................................. 181
2.2 -
MAC.9 - COCMP INSTRUCTION INVERTED OPERANDS ....................................... 182
2.3 -
MAC.10 - E FLAG EVALUATION FOR COSHR AND COASHR INSTRUCTIONS WHEN
SATURATION MODE IS ENABLED ........................................................................... 182
2.4 -
ST_PORT.3 - BAD BEHAVIOR OF HYSTERESIS FUNCTION ON INPUT FALLING
EDGE .......................................................................................................................... 183
3 -
DEVIATIONS FROM DC/AC PRELIMINARY SPECIFICATION ............................ 183
4 -
ERRATA SHEET VERSION INFORMATION ......................................................... 183



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com