Electronic Components Datasheet Search
  English  ▼

X  

ADL5961 Datasheet(PDF) 24 Page - Analog Devices

Part # ADL5961
Description  9 kHz to 26.5 GHz Integrated Vector Network Analyzer Front End
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5961 Datasheet(HTML) 24 Page - Analog Devices

Back Button ADL5961 Datasheet HTML 20Page - Analog Devices ADL5961 Datasheet HTML 21Page - Analog Devices ADL5961 Datasheet HTML 22Page - Analog Devices ADL5961 Datasheet HTML 23Page - Analog Devices ADL5961 Datasheet HTML 24Page - Analog Devices ADL5961 Datasheet HTML 25Page - Analog Devices ADL5961 Datasheet HTML 26Page - Analog Devices ADL5961 Datasheet HTML 27Page - Analog Devices ADL5961 Datasheet HTML 28Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 34 page
background image
Data Sheet
ADL5961
THEORY OF OPERATION
analog.com
Rev. 0 | 24 of 34
Figure 58. Return Loss Measurement of a 50 Ω Load With and Without
Correction of IF Spurious Tones
The following simple procedure can significantly reduce the ripple
due to spurious tones:
1. Measure the IF output signal with RF present.
2. Calculate the complex fast Fourier transform (FFT) frequency
component at the IF output frequency.
3. Measure the IF output signal with the RF signal off or set to a
low level.
4. Calculate the frequency component at the IF frequency for this
case.
5. Subtract the result obtained in Step 4 from the result in Step 2.
6. Apply error correction and further processing to the result of
Step 5).
The order of the steps described can be changed, and the frequen-
cy sweep without RF signal can be stored in the memory for
correction of future measurements.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com