Electronic Components Datasheet Search
  English  ▼

X  

TDS2201P.F Datasheet(PDF) 3 Page - Semtech Corporation

Part # TDS2201P.F
Description  Transient Diverting Suppressor 1-Line, 22V EOS Protection
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

TDS2201P.F Datasheet(HTML) 3 Page - Semtech Corporation

  TDS2201P.F Datasheet HTML 1Page - Semtech Corporation TDS2201P.F Datasheet HTML 2Page - Semtech Corporation TDS2201P.F Datasheet HTML 3Page - Semtech Corporation TDS2201P.F Datasheet HTML 4Page - Semtech Corporation TDS2201P.F Datasheet HTML 5Page - Semtech Corporation TDS2201P.F Datasheet HTML 6Page - Semtech Corporation TDS2201P.F Datasheet HTML 7Page - Semtech Corporation TDS2201P.F Datasheet HTML 8Page - Semtech Corporation TDS2201P.F Datasheet HTML 9Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
TDS2201P
Final Datasheet
Rev 2.1
Revision Date
12/14/22
www.semtech.com
3 of 9
Semtech
Proprietary & Confidential
Typical Characteristics
Clamping Voltage (t
p=1.2/50μs, IPP= 16A)
Clamping Voltage vs. Peak Pulse Current (t
p=8x20μs)
ESD Clamping (+8kV Contact per IEC 61000-4-2)
Clamping Voltage (t
p=1.2/50μs, IPP= 16A) vs Temperature
-5
0
5
10
15
20
25
30
35
-10
10
30
50
70
90
Time (ns)
TA = 25OC.
Waveform IEC61000
-4-2 +8kV.
Measured with and corrected for 50
Ω, 40dB Attenuator.
50Ω Scope Input Impedance, ≥2GHz
BW.
ESD Gun Return connected to Ground Reference Plane.
TA = 25OC.
Waveform IEC61000
-4-2 +8kV.
Measured with and corrected for 50
Ω, 40dB Attenuator.
50Ω Scope Input Impedance, ≥2GHz
BW.
ESD Gun Return connected to Ground Reference Plane.
TA = 25OC.
Waveform IEC61000
-4-2 +8kV.
Measured with and corrected for 50
Ω, 20dB Attenuator.
50Ω Scope Input Impedance, ≥2GHz
BW.
ESD Gun Return connected to Ground Reference Plane.
20
21
22
23
24
25
26
27
28
29
30
-50
0
50
100
150
Temperature ºC
IPP= 16A
0
50
100
150
200
250
0
5
10
15
20
25
Voltage (V)
TA = 25OC
f = 1 MHz
0
2
4
6
8
10
12
14
16
18
-50
0
50
100
150
Temperature ºC
0
2
4
6
8
10
12
14
16
18
0
5
10
15
20
25
30
35
40
45
50
-10
0
10
20
30
40
50
60
70
Time (µs)
Voltage
Current
Waveform Parameters:
1.2/50µs (Voltage) / 8/20µs (Current)
combination waveformwith 2Ωsource
impedance.
IPP= 16A
0
5
10
15
20
25
30
35
0
2
4
6
8
10
12
14
16
18
Peak Pulse Current - IPP (A)
Waveform
Parameters:
tr = 8µs
td = 20µs
Capacitance vs. Reverse Voltage
Peak Pulse Current (t
p=8x20μs) vs Temperature



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com