Electronic Components Datasheet Search
  English  ▼

X  

PM7366 Datasheet(PDF) 71 Page - PMC-Sierra, Inc

Part # PM7366
Description  FRAME ENGINE AND DATA LINK MANAGER
PDF  286 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM7366 Datasheet(HTML) 71 Page - PMC-Sierra, Inc

Back Button PM7366 Datasheet HTML 67Page - PMC-Sierra, Inc PM7366 Datasheet HTML 68Page - PMC-Sierra, Inc PM7366 Datasheet HTML 69Page - PMC-Sierra, Inc PM7366 Datasheet HTML 70Page - PMC-Sierra, Inc PM7366 Datasheet HTML 71Page - PMC-Sierra, Inc PM7366 Datasheet HTML 72Page - PMC-Sierra, Inc PM7366 Datasheet HTML 73Page - PMC-Sierra, Inc PM7366 Datasheet HTML 74Page - PMC-Sierra, Inc PM7366 Datasheet HTML 75Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 286 page
background image
RELEASED
PM7366 FREEDM-8
DATA SHEET
PMC-1970930
ISSUE 4
FRAME ENGINE AND DATA LINK MANAGER
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA,INC., AND FOR ITS CUSTOMERS’ INTERNAL USE
58
Figure 11 – Transmit Descriptor Table
TDTB[31:4] = Tx Descriptor Table Base register
TDR[13:0] = Transmit Descriptor Reference
TD_ADDR[31:0] = Transmit Descriptor Address
TDTB
Bit 0
Bit 31
TD_ADDR
TD1
TD2
TD 16384
Dword 0
Dword 1
Dword 2
Dword 3
TDTB[31:4]
TDR[13:0]
Bit 31
Bit 0
+
=
TD_ADDR[31:0]
Dword 0
Dword 0
0000
0000
Dword 3
Dword 3
Transmit Queues
Pointers to the transmit descriptors (TDs) containing packet(s) ready for transmission are passed
from the host to the TMAC using the Transmit Descriptor Reference Ready (TDRR) queue, which
resides in host memory. Pointers to transmit descriptor structures whose buffers have been read
by the TMAC are passed from the TMAC to the host using the Transmit Descriptor Reference
Free (TDRF) queue, which also resides in host memory. The TMAC contains a Free Queue
cache which can store up to six TDRs. If caching is enabled, free TDRs are written into the TDRF
queue six at a time, to reduce the number of host memory accesses. The Free Queue cache is



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com