Electronic Components Datasheet Search
  English  ▼

X  

3464 Datasheet(PDF) 1 Page - Festo Corporation.

Part # 3464
Description  Pneumatic timer
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FESTO [Festo Corporation.]
Direct Link  https://www.festo.com/us/en/
Logo FESTO - Festo Corporation.

3464 Datasheet(HTML) 1 Page - Festo Corporation.

  3464 Datasheet HTML 1Page - Festo Corporation.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Pneumatic timer
VZOA-3-1/4
Part number: 3464
General operating condition
Data sheet
Feature
Value
Symbol
00995773
Operating pressure
0 MPa ... 1 MPa
Operating pressure
0 bar ... 10 bar
Standard nominal flow rate
600 l/min
Adjustable delay time
0 s ... 30 s
Explosion prevention and protection
Zone 1 (ATEX)
Zone 2 (ATEX)
Zone 21 (ATEX)
Zone 22 (ATEX)
Operating medium
Compressed air as per ISO 8573-1:2010 [7:-:-]
Information on operating and pilot media
Operation with oil lubrication possible (required for further use)
LABS (PWIS) conformity
VDMA24364-B2-L
Type of mounting
With through-hole
Pneumatic connection
G1/8
G1/4
Note on materials
RoHS-compliant
11/13/24 - Subject to change - Festo SE & Co. KG
1/1


Similar Part No. - 3464

ManufacturerPart #DatasheetDescription
logo
Heyco.
3464 HEYCO-3464 Datasheet
233Kb / 1P
Heyco® Original Series-35 Liquid Tight Cordgrips
logo
Keystone Electronics Co...
3464 KEYSTONE-3464 Datasheet
282Kb / 1P
SPACERS & STANDOFFS
31-07 20th
logo
3M Electronics
3464-0000 3M-3464-0000 Datasheet
33Kb / 2P
100 Card-Edge
19-Feb-1999
3464-0000 3M-3464-0000 Datasheet
265Kb / 2P
100 Card-Edge Drilled Mounting Flanges
15-Feb-2005
3464-0001 3M-3464-0001 Datasheet
440Kb / 3P
3M Pak 100 Card-Edge
15-Feb-2005
More results

Similar Description - 3464

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM555 NSC-LM555 Datasheet
822Kb / 12P
Timer
logo
Microsemi Corporation
TSC355 MICROSEMI-TSC355 Datasheet
489Kb / 4P
Timer
logo
FOTEK CONTROLS CO., LTD...
TDVN-M3 FOTEK-TDVN-M3 Datasheet
196Kb / 1P
TWIN TIMER & DEFROSTING TIMER
logo
Festo Corporation.
VZ-3-PK-3 FESTO-VZ-3-PK-3 Datasheet
95Kb / 1P
Pneumatic timer
VZO-3-PK-3 FESTO-VZO-3-PK-3 Datasheet
94Kb / 1P
Pneumatic timer
PZVT-3-SEC FESTO-PZVT-3-SEC Datasheet
83Kb / 1P
Timer
PZVT-30-SEC FESTO-PZVT-30-SEC Datasheet
83Kb / 1P
Timer
PZVT-120-SEC FESTO-PZVT-120-SEC Datasheet
83Kb / 1P
Timer
PZVT-999-SEC-B FESTO-PZVT-999-SEC-B Datasheet
84Kb / 1P
Timer
PZVT-99999-MIN-B FESTO-PZVT-99999-MIN-B Datasheet
84Kb / 1P
Timer
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com