Electronic Components Datasheet Search
  English  ▼

X  

8204587 Datasheet(PDF) 2 Page - Festo Corporation.

Part # 8204587
Description  Mass flow controller (MFC)
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FESTO [Festo Corporation.]
Direct Link  https://www.festo.com/us/en/
Logo FESTO - Festo Corporation.

8204587 Datasheet(HTML) 2 Page - Festo Corporation.

  8204587 Datasheet HTML 1Page - Festo Corporation. 8204587 Datasheet HTML 2Page - Festo Corporation.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Feature
Value
Electrical connection 1, number of pins/wires
9
Buffer time for voltage failure of logic supply
10 ms
Setpoint input
0 - 10 V
4 - 20 mA
Protection against direct and indirect contact
PELV
Display type
LED
Reverse polarity protection
for operating voltage
Overall accuracy
2.5 %FS
Reproducibility
0.75 %FS
Linearity
1.5 %FS
Hysteresis
1 %FS
Product weight
250 g
Seals material
HNBR
NBR
Note on materials
RoHS-compliant
Dimensions W x L x H
24 mm x 130 mm x 97.1 mm
Application note
The product is suitable for industrial purposes only. Radio interference
suppression measures may be required in residential areas.
For indoor use only
Material fire test
UL94 HB
Contamination level
2
Certification
RCM compliance mark
CE marking (see declaration of conformity)
As per EU EMC directive
As per EU RoHS directive
UKCA marking (see declaration of conformity)
To UK instructions for EMC
To UK RoHS instructions
KC characters
KC EMC
KC approval number EMC/radio
R-R-FTO-KC-2024-1003
LABS (PWIS) conformity
VDMA24364 zone III
Suitability for the production of Li-ion batteries
Metals with more than 5% by mass of copper, zinc or nickel by mass
are excluded from use. Exceptions are nickel in steel, chemically nickel-
plated surfaces, printed circuit boards, cables, electrical plug connectors
and coils
10/27/24 - Subject to change - Festo SE & Co. KG
2/2



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com