Electronic Components Datasheet Search
  English  ▼

X  

OPA739GD Datasheet(PDF) 1 Page - OPTEK Technologies

Part # OPA739GD
Description  3 Watt Light Bar on Anotherm Heat Spreader
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPTEK [OPTEK Technologies]
Direct Link  http://www.optekinc.com
Logo OPTEK - OPTEK Technologies

OPA739GD Datasheet(HTML) 1 Page - OPTEK Technologies

  OPA739GD Datasheet HTML 1Page - OPTEK Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
OPTEK reserves the right to make changes at any time in order to improve design and to supply the best product possible.
OPTEK Technology Inc. — 1645 Wallace Drive, Carrollton, Texas 75006
Phone: (972) 323-2200 or (800) 341-4747
FAX: (972) 323-2396 visibleLED@optekinc.com www.optekinc.com
Issue A
02/07
Page 1 of 1
OPA739 Series
3 Watt Light Bar on
Anotherm Heat Spreader
OPA739 Series
•
3-1 watt LED on square substrate
•
Mono-color per strip (Blue, Green, Red, Yellow, White)
•
Two component beam angle options (120° or 40°)
•
Universal connector (Tyco 2-292173-2 mates with 173977-2)
•
RoHS Compliant
The OPA739 Series are designed for areas where lighting intensity and reliability
are essential. The light beam angles of 40° and 120° are ideal for illuminating small and medium size areas while
requiring minimal space. A patented substrate is used to ensure the best heat dissipation of any light assembly in
the industry.
For custom colors and design contact your OPTEK representative.
Product Photo Here
RoHS
OPA739_ (120° Beam Angle)
OPA739_D (40° Beam Angle)
DO NOT LOOK DIRECTLY AT LED
WITH UNSHIELDED EYES OR
DAMAGE TO RETINA MAY
OCCUR.
OPA739_
See OVSP_BCR4 for
component specifications
See OVSP_4CR44 for
component specifications
OPA739_D
Electrical / Optical Characteristics: TA=25°C, IF=350mA
Part Number
Typical Forward Voltage (V)
Luminous Flux (lm)
Beam Angle
Color
OPA739Y
7.5
105
Yellow
OPA739B
10.8
27
Blue
OPA739G
10.8
144
Green
OPA739R
7.5
78
Red
OPA739W
10.8
144
White
OPA739YD
7.5
105
40°
Yellow
OPA739BD
10.8
27
Blue
OPA739GD
10.8
144
Green
OPA739RD
7.5
78
Red
OPA739WD
10.8
144
White
120°
Dominant Wavelength
587 nm
470 nm
530 nm
625 nm
6,500°K
587 nm
470 nm
530 nm
625 nm
6,500°K
+ Voltage
Ground


Similar Part No. - OPA739GD

ManufacturerPart #DatasheetDescription
logo
TT Electronics.
OPA739GD TTELEC-OPA739GD Datasheet
316Kb / 2P
3 Watt Light Bar on OptoTherm Heat Spreader
More results

Similar Description - OPA739GD

ManufacturerPart #DatasheetDescription
logo
OPTEK Technologies
OPA729 OPTEK-OPA729 Datasheet
306Kb / 1P
10 Watt Light Bar on Anotherm Linear Heat Spreader
OPA730 OPTEK-OPA730 Datasheet
155Kb / 1P
12 Watt Light Ring on Anotherm Linear Heat Spreader
OPA731 OPTEK-OPA731 Datasheet
165Kb / 1P
20 Watt Light Flood on Anotherm Linear Heat Spreader
OPA733 OPTEK-OPA733 Datasheet
144Kb / 1P
1 Watt Light Spot on Anotherm Linear Heat Spreader
OPA740 OPTEK-OPA740 Datasheet
224Kb / 1P
10 Watt Light Bar on Anotherm Linear Heat Spreader
OPA741 OPTEK-OPA741 Datasheet
169Kb / 1P
12 Watt Light Ring on Anotherm Linear Heat Spreader with Lens
OPA742 OPTEK-OPA742 Datasheet
142Kb / 1P
1 Watt Light Spot on Anotherm Linear Heat Spreader with Lens
logo
TT Electronics.
OPA731 TTELEC-OPA731 Datasheet
548Kb / 2P
20 Watt Light Flood on OptoTherm Linear Heat Spreader
OPA733 TTELEC-OPA733 Datasheet
114Kb / 1P
1 Watt Light Spot on OptoTherm Linear Heat Spreader
OPA739 TTELEC-OPA739 Datasheet
316Kb / 2P
3 Watt Light Bar on OptoTherm Heat Spreader
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com