Electronic Components Datasheet Search
  English  ▼

X  

OPB360 Datasheet(PDF) 3 Page - OPTEK Technologies

Part # OPB360
Description  Slotted Optical Switch
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPTEK [OPTEK Technologies]
Direct Link  http://www.optekinc.com
Logo OPTEK - OPTEK Technologies

OPB360 Datasheet(HTML) 3 Page - OPTEK Technologies

  OPB360 Datasheet HTML 1Page - OPTEK Technologies OPB360 Datasheet HTML 2Page - OPTEK Technologies OPB360 Datasheet HTML 3Page - OPTEK Technologies OPB360 Datasheet HTML 4Page - OPTEK Technologies OPB360 Datasheet HTML 5Page - OPTEK Technologies OPB360 Datasheet HTML 6Page - OPTEK Technologies OPB360 Datasheet HTML 7Page - OPTEK Technologies OPB360 Datasheet HTML 8Page - OPTEK Technologies OPB360 Datasheet HTML 9Page - OPTEK Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
OPTEK Technology Inc. — 1645 Wallace Drive, Carrollton, Texas 75006
Phone: (972) 323-2200 or (800) 341-4747
FAX: (972) 323-2396 sensors@optekinc.com www.optekinc.com
Issue A.6
03/07
Page 3 of 10
Slotted Optical Switch
OPB355, OPB360, OPB370, OPB380, OPB390
OPB859, OPB860, OPB870, OPB880, OPB890
Series
OPTEK reserves the right to make changes at any time in order to improve design and to supply the best product possible.
Part Number Guide — OPB860 / OPB870
OPB 8 X X X X X
Optek Assembly
Sensor Aperture:
1 — 0.010” (0.254 mm)
5 — 0.050” (1.270 mm)
Phototransistor Output Family
Emitter Aperture:
1 — 0.010” (0.254 mm)
5 — 0.050” (1.270 mm)
Discrete Shell Material:
Mounting Configurations:
6 — Base mount IR transmissive
N — No mounting tabs
Plastic discrete shell
L — Emitter side mounting tab only
PCMountable leads
T — Two mounting tabs
7 — Base mount opaque
P — Phototransistor side mounting side
Plastic discrete shell
PCMountable leads
Electrical Specification Variations:
0 = Electrical Parameter A (lead spacing = 0.320”)
1 = Electrical Parameter B (lead spacing = 0.320”)
2 = Electrical Parameter C (lead spacing = 0.320”)
5 = Electrical Parameter A (lead spacing = 0.220”)
6 = Electrical Parameter B (lead spacing = 0.220”)
7 = Electrical Parameter C (lead spacing = 0.220”)
Part Number Guide — OPB880 / OPB890
OPB 8 X X X X X Z
Optek Assembly
RoHS Compliant
Sensor Aperture:
1 — 0.010” (0.254 mm)
Phototransistor Output Family
5 — 0.050” (1.270 mm)
Emitter Aperture:
1 — 0.010” (0.254 mm)
Discrete Shell Material:
5 — 0.050” (1.270 mm)
8 — Base mount IR transmissive
Plastic discrete shell
Mounting configurations:
9 — Base mount opaque
L — Emitter side mounting tab only
Plastic discrete shell
N — No mounting tabs
P — Phototransistor side mounting side
T — Two mounting tabs
Electrical Specification Variations:
0 = Electrical Parameter A
1 = Electrical Parameter B
2 = Electrical Parameter C
Note: Assemblies with dual 0.010” apertures are
currently available with electrical parameter
“A” only. Wires = 26AWG—24” Long
Part Number Guide — OPB859
OPB 8 5 9
Optek Assembly
Emitter Aperture: 0.050” (1.270 mm)
Sensor Aperture: 0.050” (1.270 mm)
Mounting Configuration:
Phototransistor Output Family
T — Two mounting tabs



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com