Electronic Components Datasheet Search
  English  ▼

X  

LB8502M Datasheet(PDF) 2 Page - Sanyo Semicon Device

Part # LB8502M
Description  Monolithic Digital IC DC Fan Motor Speed Control IC
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LB8502M Datasheet(HTML) 2 Page - Sanyo Semicon Device

  LB8502M Datasheet HTML 1Page - Sanyo Semicon Device LB8502M Datasheet HTML 2Page - Sanyo Semicon Device LB8502M Datasheet HTML 3Page - Sanyo Semicon Device LB8502M Datasheet HTML 4Page - Sanyo Semicon Device LB8502M Datasheet HTML 5Page - Sanyo Semicon Device LB8502M Datasheet HTML 6Page - Sanyo Semicon Device LB8502M Datasheet HTML 7Page - Sanyo Semicon Device LB8502M Datasheet HTML 8Page - Sanyo Semicon Device LB8502M Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
LB8502M
No.8337-2/11
Allowable Operating Ranges at Ta = 25
°C
Parameter
Symbol
Conditions
Ratings
Unit
Supply voltage range 1
VCC1
VCC pin
7.5 to 17
V
Supply voltage range 2
VCC2
VCC pin, with VCC shorted to
6VREG
5.5 to 6.5
V
Output current
IO
E0 pin
2.5
mA
6V constant voltage output
current
IREG
-5
mA
CTL pin voltage
VCTL
0 to VREG
V
LIM pin voltage
VLIM
0 to VREG
V
Electrical Characteristics at Ta
= 25°C, VCC = 12V
Ratings
Parameter
Symbol
Conditions
min
typ
max
Unit
Supply current
ICC
4.5
6.5
mA
6V constant voltage output (VREG pin)
Output voltage
VREG
5.8
6.0
6.2
V
Line regulation
∆VREG1
VCC = 8 to 17V
40
100
mV
Load regulation
∆VREG2
IO = 0 to 5mA
50
100
mV
Temperature coefficient
∆VREG3
Design target*
0
mV/
°C
Integrating Amplifier Block
Common-mode input voltage
range
VICM
0
VREG- 2.0
V
High-level output voltage
VOH
IEO = -0.2mA
VREG - 1.2
VREG - 0.8
V
Low-level output voltage
VOL
IEO = 0.2mA
0.8
1.0
V
FGIN pin
High-level input voltage
VFGH
3.0
VREG
V
Low-level input voltage
VFGL
0
1.5
V
Input open voltage
VFGO
VREG - 0.5
VREG
V
Hysteresis
VFGS
0.2
0.25
0.4
V
High-level input current
IFGH
VFGIN = 6VREG
-10
0
10
µA
Low-level input current
IFGL
VFGIN = 0V
-140
-110
µA
RC pin
High-level output voltage
VOH(RC)
3.2
3.45
3.7
V
Low-level output voltage
VOL(RC)
0.8
0.95
1.05
V
Clamp voltage
VCLP(RC)
1.6
V
CTL pin
High-level input voltage
VCTH
2.0
VREG
V
Low-level input voltage
VCTL
0
1.0
V
Input open voltage
VCTO
VREG - 0.5
VREG
V
High-level input current
ICTH
VFGIN = 6VREG
-10
0
10
µA
Low-level input current
ICTL
VFGIN = 0V
-140
-110
µA
C pin
High-level input voltage
VOH(C)
3.8
4.0
4.2
V
Low-level input voltage
VOL(C)
0.05
0.1
0.2
V
LIM pin
Input bias current
IB(LIM)
-1
0
µA
Common-mode input voltage
range
VILIM
0
VREG- 2.0
V
*The design specification items are design guarantees and are not measured.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com