Electronic Components Datasheet Search
  English  ▼

X  

SN74HC02DR Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # SN74HC02DR
Description  SNx4HC02 Quadruple 2-Input Positive-NOR Gates
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74HC02DR Datasheet(HTML) 5 Page - Texas Instruments

  SN74HC02DR Datasheet HTML 1Page - Texas Instruments SN74HC02DR Datasheet HTML 2Page - Texas Instruments SN74HC02DR Datasheet HTML 3Page - Texas Instruments SN74HC02DR Datasheet HTML 4Page - Texas Instruments SN74HC02DR Datasheet HTML 5Page - Texas Instruments SN74HC02DR Datasheet HTML 6Page - Texas Instruments SN74HC02DR Datasheet HTML 7Page - Texas Instruments SN74HC02DR Datasheet HTML 8Page - Texas Instruments SN74HC02DR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 42 page
background image
6.4 Thermal Information
THERMAL METRIC(1)
SN74H02
SN54H02
UNIT
D
(SOIC)
DB
(SSOP)
N
(PDIP)
NS
(SO)
PW
(TSSO
P)
J
(CDIP)
W
(CFP)
FK
(LCCC)
14
PINS
14
PINS
14
PINS
14
PINS
14
PINS
14
PINS
14
PINS
14
PINS
RθJA
Junction-to-ambient thermal
resistance
94
105.4
54.9
88.8
119.6
N/A
N/A
N/A
°C/W
RθJC(top)
Junction-to-case (top) thermal
resistance
53.2
57.3
42.5
46.5
48.4
53.8
89.6
61.1
°C/W
RθJB
Junction-to-board thermal
resistance
48.7
52.7
34.7
47.6
61.3
73.1
164.1
59.8
°C/W
ΨJT
Junction-to-top characterization
parameter
15.6
22.6
27.9
16.8
5.6
N/A
N/A
N/A
°C/W
ΨJB
Junction-to-board characterization
parameter
48.4
52.2
34.6
47.2
60.7
N/A
N/A
N/A
°C/W
RθJC(bot)
Junction-to-case (bottom) thermal
resistance
N/A
N/A
N/A
N/A
N/A
26.7
15.5
11.7
°C/W
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application
report.
6.5 Electrical Characteristics - Commercial (74xx)
over operating free-air temperature range; typical values measured at TA = 25°C (unless otherwise noted).
PARAMETER
TEST CONDITIONS
VCC
Operating free-air temperature (TA)
UNIT
25°C
-40°C to 85°C
MIN
TYP
MAX
MIN
TYP
MAX
VOH
High-level
output voltage
VI = VIH
or VIL
IOH = -20 µA
2 V
1.9
1.998
1.9
V
4.5 V
4.4
4.499
4.4
6 V
5.9
5.999
5.9
IOH = -4 mA
4.5 V
3.98
4.3
3.84
IOH = -5.2 mA
6 V
5.48
5.8
5.34
VOL
Low-level output
voltage
VI = VIH
or VIL
IOL = 20 µA
2 V
0.002
0.1
0.1
V
4.5 V
0.001
0.1
0.1
IOL = 20 µA
6 V
0.001
0.1
0.1
IOL = 4 mA
4.5 V
0.17
0.26
0.33
IOL = 5.2 mA
6 V
0.15
0.26
0.33
II
Input leakage
current
VI = VCC or 0
6 V
±0.1
±100
±1000
nA
ICC
Supply current
VI = VCC
or 0
VI = VCC or 0
6 V
2
20
µA
Ci
Input
capacitance
2 V to 6 V
3
10
10
pF
www.ti.com
SN74HC02, SN54HC02
SCLS076G – DECEMBER 1982 – REVISED DECEMBER 2020
Copyright © 2020 Texas Instruments Incorporated
Submit Document Feedback
5
Product Folder Links: SN74HC02 SN54HC02



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com