Electronic Components Datasheet Search
  English  ▼

X  

OPB710F Datasheet(PDF) 4 Page - OPTEK Technologies

Part # OPB710F
Description  Reflective Object Sensor
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPTEK [OPTEK Technologies]
Direct Link  http://www.optekinc.com
Logo OPTEK - OPTEK Technologies

OPB710F Datasheet(HTML) 4 Page - OPTEK Technologies

  OPB710F Datasheet HTML 1Page - OPTEK Technologies OPB710F Datasheet HTML 2Page - OPTEK Technologies OPB710F Datasheet HTML 3Page - OPTEK Technologies OPB710F Datasheet HTML 4Page - OPTEK Technologies  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
OPTEK reserves the right to make changes at any time in order to improve design and to supply the best product possible.
OPTEK Technology Inc. —
1645 Wallace Drive, Carrollton, Texas 75006
Phone: (972) 323-2200 or (800) 341-4747
FAX: (972) 323-2396 sensors@optekinc.com www.optekinc.com
Issue A.5
06/07
Page 4 of 4
Reflective Object Sensor
OPB710, OPB710F, OPB730, OPB730F
OPB730 - Output vs Forward Current vs Temp
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
0
5
10
15
20
25
30
35
40
45
50
Forward Current (mA)
0° C
10° C
20° C
30° C
40° C
50° C
60° C
70° C
Normalized Collector Current at 20mA and 20°C
OPB730 - Forward Voltage vs Forward Current
vs Temp
0.90
0.95
1.00
1.05
1.10
1.15
1.20
1.25
1.30
1.35
1.40
0
5
10
15
20
25
30
35
40
45
50
Forward Current (mA)
0° C
10° C
20° C
30° C
40° C
50° C
60° C
70° C
OPB730 - Normalized
Collector Current vs. Object Distance
0.0
0.1
1.0
10.0
0.0
0.5
1.0
1.5
2.0
Distance to Reflective Surface (inches)
Kodak 90%
Kodak 18%
Corporate
Avery
Retro Reflective
Normalized at 0.25" Kodak 90%



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com