Electronic Components Datasheet Search
  English  ▼

X  

OPB730F Datasheet(PDF) 1 Page - OPTEK Technologies

Part # OPB730F
Description  Reflective Object Sensor
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPTEK [OPTEK Technologies]
Direct Link  http://www.optekinc.com
Logo OPTEK - OPTEK Technologies

OPB730F Datasheet(HTML) 1 Page - OPTEK Technologies

  OPB730F Datasheet HTML 1Page - OPTEK Technologies OPB730F Datasheet HTML 2Page - OPTEK Technologies OPB730F Datasheet HTML 3Page - OPTEK Technologies OPB730F Datasheet HTML 4Page - OPTEK Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
OPTEK reserves the right to make changes at any time in order to improve design and to supply the best product possible.
OPTEK Technology Inc. —
1645 Wallace Drive, Carrollton, Texas 75006
Phone: (972) 323-2200 or (800) 341-4747
FAX: (972) 323-2396 sensors@optekinc.com www.optekinc.com
Issue A.5
06/07
Page 1 of 4
Reflective Object Sensor
OPB710, OPB710F, OPB730, OPB730F
F-Package
Features:
• Choice of phototransistor or photodarlington output
• Unfocused for sensing diffuse surface
• Mounted on standard TO-72 header
• Available in clear encapsulating epoxy (OPB710, OPB730)
• Filtered to reduce the effect of visible or fluorescent light
(OPB710F, OPB730F)
Description:
OPB710
and OPB710F consist of a gallium arsenide infrared emitting diode and an NPN silicon
phototransistor. OPB730 and OPB730F consist of a gallium arsenide infrared emitting diode and an
NPN silicon photodarlington.
On each sensor, the emitting diode and detector are mounted side-by-side on parallel axes in a
standard TO-72 header. A black plastic sleeve is attached and filled with encapsulating epoxy to cover
the emitter and detector.
The OPB710F and OPB730F (“F” versions) have a filtering material added to the epoxy to reduce the
effect of ambient light. The package contains an internal barrier which prevents diode emissions from
reaching the sensor directly.
Custom electrical, wire and cabling and connectors are available. Contact your local representative or OPTEK for
more information.
Pin #
LED
Pin #
Transistor
3
Cathode
4
Collector
2
Anode
1
Emitter
Applications:
• Non-contact reflective object sensor
• Assembly line automation
• Machine automation
• Machine safety
• End of travel sensor
• Door sensor
OP710
3
2
4
1
4
2
1
3
OPB730
Part
Number
LED Peak
Wavelength
Sensor
Reflection
Distance
OPB710
935 nm
Transistor
0.250" (6.35mm)
OPB710F
OPB730
Darlington
OPB730F
RoHS
DIMENSIONS ARE IN:
INCHES
[ MILLIMETERS]
Bottom View


Similar Part No. - OPB730F

ManufacturerPart #DatasheetDescription
logo
TT Electronics.
OPB730F TTELEC-OPB730F Datasheet
946Kb / 4P
Reflective Object Sensor
More results

Similar Description - OPB730F

ManufacturerPart #DatasheetDescription
logo
QT Optoelectronics
OPB706A QT-OPB706A Datasheet
160Kb / 2P
REFLECTIVE OBJECT SENSOR
logo
Fairchild Semiconductor
QRD1113 FAIRCHILD-QRD1113 Datasheet
164Kb / 4P
REFLECTIVE OBJECT SENSOR
QRE1113 FAIRCHILD-QRE1113 Datasheet
337Kb / 5P
REFLECTIVE OBJECT SENSOR
logo
OPTEK Technologies
OPB125A OPTEK-OPB125A Datasheet
83Kb / 2P
REFLECTIVE OBJECT SENSOR
logo
List of Unclassifed Man...
MSA7 ETC1-MSA7 Datasheet
341Kb / 5P
REFLECTIVE OBJECT SENSOR
logo
OPTEK Technologies
OPB750N OPTEK-OPB750N Datasheet
423Kb / 2P
Reflective Object Sensor
Jun-1996
OPB745 OPTEK-OPB745 Datasheet
217Kb / 2P
REFLECTIVE OBJECT SENSOR
logo
Fairchild Semiconductor
QRD1113 FAIRCHILD-QRD1113 Datasheet
200Kb / 4P
Reflective Object Sensor
logo
OPTEK Technologies
OPB703 OPTEK-OPB703 Datasheet
375Kb / 10P
Reflective Object Sensor
1/16
OPB750 OPTEK-OPB750_14 Datasheet
165Kb / 4P
Reflective Object Sensor
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com