Electronic Components Datasheet Search
  English  ▼

X  

PM7380-PI Datasheet(PDF) 1 Page - PMC-Sierra, Inc

Part # PM7380-PI
Description  FRAME ENGINE AND DATA LINK MANAGER 32P672
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM7380-PI Datasheet(HTML) 1 Page - PMC-Sierra, Inc

  PM7380-PI Datasheet HTML 1Page - PMC-Sierra, Inc PM7380-PI Datasheet HTML 2Page - PMC-Sierra, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
PMC-1980245 (r2)
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA, INC., AND FOR ITS CUSTOMERS’ INTERNAL USE
© 2001 PMC-Sierra, Inc.
PM7380
PMC-Sierra,Inc.
Frame Engine and Data Link Manager
FREEDM-32P672
FEATURES
The FREEDM-32P672 chip offers the
following features:
• Single-chip multi-channel HDLC
controller with a 66 MHz, 32-bit
Peripheral Component Interconnect
(PCI) 2.1 compatible bus for
configuration, monitoring, and transfer
of packet data.
• An on-chip DMA controller with
scatter/ gather capabilities.
• Supports up to 672 bi-directional
HDLC channels assigned to a
maximum of 32 MVIP digital telephony
buses (at 2.048 Mbit/s per link) or 8
H-MVIP buses (at 8.192 Mbit/s per
link).
• Supports up to 672 bi-directional
HDLC channels assigned to a
maximum of 32 channelized T1/J1 or
E1 links.
• The number of time-slots assigned to
an HDLC channel is programmable
from 1 to 24 (for T1/J1) and from 1 to
31 (for E1).
• Supports up to 32 bi-directional HDLC
channels, each assigned to an
unchannelized arbitrary-rate link,
subject to a maximum aggregate link
clock-rate of 64 MHz in each direction.
• Channels assigned to links 0 to 2
support a clock rate of up to 52 MHz.
Channels assigned to links 3 to 31
support a clock rate of up to 10 MHz.
• In the special case, where no more
than three high-speed links are used,
the maximum aggregate link
clock-rate is 156 MHz.
• Links configured for channelized T1/
J1/E1 or unchannelized operation
support the gapped-clock method for
determining time-slots, which is
backwards compatible with the
FREEDM-8 and FREEDM-32 devices.
• For each channel, the HDLC receiver
supports programmable
flag-sequence detection, bit
de-stuffing, and frame-check
sequence validation.
• The receiver supports the validation of
both CRC-CCITT and CRC-32
frame-check sequences.
• For each channel, the HDLC
transmitter supports programmable
flag-sequence generation, bit stuffing
and frame-check sequence
generation.
• The transmitter supports the
generation of both CRC-CCITT and
CRC-32 frame-check sequences.
• The transmitter also aborts packets
under the direction of the host, or
automatically when the channel
underflows.
• Provides 32 kbytes of on-chip memory
for partial-packet buffering in both the
transmit and receive directions.
BLOCK DIAGRAM
RD[31:0]
RCLK[31:0]
RFPB[3:0]
RMVCK[3:0]
RMV8DC
RMV8FPC
RFP8B
Receive
Channel
Assigner
(RCAS672)
Transmit
Channel
Assigner
(TCAS672)
Transmit
HDLC
Processor
(THDL672)
32 k Transmit
Partial
Packet
Buffer
Performance
Monitor
(PMON)
Receive
HDLC
Processor
(RHDL672)
32 k Receive
Partial
Packet
Buffer
JTAG
PCI
Controller
(GPIC672)
TD[31:0]
TCLK[31:0]
TFPB[3:0]
TMVCK[3:0]
TMV8DC
TMV8FPC
TFP8B
AD[31:0]
REQB
LOCKB
IDSEL
DEVSELB
STOPB
IRDYB
TRDYB
FRAMEB
PAR
C/BEB[3:0]
Receive
DMA
Controller
(RMAC672)
Transmit
DMA
Controller
(TMAC672)
GNTB
PERRB
SERRB
PCIINTB
PCICLK
PCICLKO
M66EN


Similar Part No. - PM7380-PI

ManufacturerPart #DatasheetDescription
logo
PMC-Sierra, Inc
PM7380 PMC-PM7380 Datasheet
48Kb / 2P
Frame Engine and Data Link Manager
More results

Similar Description - PM7380-PI

ManufacturerPart #DatasheetDescription
logo
PMC-Sierra, Inc
PM7364 PMC-PM7364 Datasheet
2Mb / 325P
FRAME ENGINE AND DATA LINK MANAGER
PM7366 PMC-PM7366 Datasheet
2Mb / 286P
FRAME ENGINE AND DATA LINK MANAGER
PM7367 PMC-PM7367 Datasheet
2Mb / 323P
FRAME ENGINE AND DATA LINK MANAGER
PM7380 PMC-PM7380 Datasheet
48Kb / 2P
Frame Engine and Data Link Manager
PM7381 PMC-PM7381 Datasheet
44Kb / 2P
Frame Engine and Data Link Manager
PM7382 PMC-PM7382 Datasheet
2Mb / 330P
FRAME ENGINE AND DATA LINK MANAGER 32P256
PM7384 PMC-PM7384 Datasheet
44Kb / 4P
Frame Engine and Data Link Manager
PM7385 PMC-PM7385 Datasheet
48Kb / 4P
Frame Engine and Data Link Manager
PM7384-1 PMC-PM7384-1 Datasheet
33Kb / 2P
Frame Engine and Data Link Manager
PM7385-1 PMC-PM7385-1 Datasheet
37Kb / 2P
Frame Engine and Data Link Manager
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com