Electronic Components Datasheet Search
  English  ▼

X  

LB8658FN Datasheet(PDF) 2 Page - Sanyo Semicon Device

Part # LB8658FN
Description  Monolithic Digital IC DSC Motor Driver
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LB8658FN Datasheet(HTML) 2 Page - Sanyo Semicon Device

  LB8658FN Datasheet HTML 1Page - Sanyo Semicon Device LB8658FN Datasheet HTML 2Page - Sanyo Semicon Device LB8658FN Datasheet HTML 3Page - Sanyo Semicon Device LB8658FN Datasheet HTML 4Page - Sanyo Semicon Device LB8658FN Datasheet HTML 5Page - Sanyo Semicon Device LB8658FN Datasheet HTML 6Page - Sanyo Semicon Device LB8658FN Datasheet HTML 7Page - Sanyo Semicon Device LB8658FN Datasheet HTML 8Page - Sanyo Semicon Device LB8658FN Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
LB8658FN, LB8658PL
No.7983-2/16
Continued from preceding page.
• Synchronous actuator driving is possible.
[Table Showing Combinations of Actuators which Can Be Driven Simultaneously]
Focus
Shutter
Iris
Zoom
When “MD1” not used
(6 input ports required)
When “MD1” used
(7 input ports required)
• Parallel control via 7 or 8 input ports (one of which is used to photo sensor control).
• Two power supply systems.
• Supports low voltage drive (1.9V min).
• Low saturation output (Vsat = 0.37Vtyp at IO = 200mA).
• Current dissipation in stand-by state is 0 (zero).
• Built-in overheat protection circuit.
• Small and thin package. VQFN44 (6.0×6.0) for LB8658FN and VQLP40 (5.0×5.0) for LB8658PL.
Specifications
Absolute Maximum Ratings at Ta = 25
°C [LB8658PL : Preliminary]
Parameter
Symbol
Conditions
Ratings
Unit
VB1 max
-0.3 to 10.5
Maximum power supply voltage
VB2 max
-0.3 to 10.5
V
OUT1, 2, 3, 4, 7, 8, 9, 10
-0.3 to VB1+VF
OUT5, 6
-0.3 to VB2+VF
Maximum applied output voltage
VOUT max
ZMPR, ZMPI, AFPI
-0.3 to 10.5
V
OUT1, 2, 3, 4, 7, 8
600
OUT5, 6, 9, 10
800
Maximum output current
IOUT max
ZMPR, ZMPI, AFPI
30
mA
Maximum applied input voltage
VIN max
MD1 to 3, IN1 to 5
-0.3 to 10.5
V
Standard PWB mounting (*1)
[LB8658FN]
1.9
Allowable power dissipation
Pd max
Standard PWB mounting (*2)
[LB8658PL]
1.1
W
Operating temperature
Topr
-20 to +80
°C
[LB8658FN]
-55 to +150
Storage temperature
Tstg
[LB8658PL]
-55 to +125
°C
(*1) Standard PWB : 30mm
×50mm×0.8mm glass epoxy resin 4-layer PWB
(*2) Standard PWB : 40mm
×50mm×0.8mm glass epoxy resin 4-layer PWB
Recommended Operating Range at Ta = 25
°C [LB8658PL : Preliminary]
Parameter
Symbol
Conditions
Ratings
Unit
VB1 opr
2.2 to 10
Voltage for guarantee of function
VB2 opr
2.2 to 10
V
VOUT1
OUT1, 2, 3, 4, 7, 8
0 to VB1
Constant-voltage setting range
VOUT2
OUT5, 6
0 to VB2
V
Constant-current setting range
IOUT
OUT9, 10
50 to 500
mA
VVC1
VC1, VC2, VC4
0.1 to VB1
Constant-voltage setting input range
VVC2
VC3
0.1 to VB2
V
Constant-current setting input range
VIC
IC
0.1 to 1.0
V
Input pin “H” voltage
VINH
MD1 to 3, IN1 to 5
1.8 to 10
V
Input pin “L” voltage
VINL
MD1 to 3, IN1 to 5
-0.3 to 0.4
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com