Electronic Components Datasheet Search
  English  ▼

X  

LB8658PL Datasheet(PDF) 3 Page - Sanyo Semicon Device

Part # LB8658PL
Description  Monolithic Digital IC DSC Motor Driver
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LB8658PL Datasheet(HTML) 3 Page - Sanyo Semicon Device

  LB8658PL Datasheet HTML 1Page - Sanyo Semicon Device LB8658PL Datasheet HTML 2Page - Sanyo Semicon Device LB8658PL Datasheet HTML 3Page - Sanyo Semicon Device LB8658PL Datasheet HTML 4Page - Sanyo Semicon Device LB8658PL Datasheet HTML 5Page - Sanyo Semicon Device LB8658PL Datasheet HTML 6Page - Sanyo Semicon Device LB8658PL Datasheet HTML 7Page - Sanyo Semicon Device LB8658PL Datasheet HTML 8Page - Sanyo Semicon Device LB8658PL Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
LB8658FN, LB8658PL
No.7983-3/16
Electrical Characteristics at Ta = 25
°C, VB1 = VB2 = 3V [LB8658PL : Preliminary]
Ratings
Parameter
Symbol
Conditions
min
typ
max
Unit
Remarks
Current dissipation in stand-by state
ISTB
VB1 = VB2 = 10V
0.1
1.0
µA
1
IB11
MD1/2/3/IN1/2 = L/L/L/*/*
12
16
IB12
MD1/2/3/IN1/2 = L/L/H/*/*
8
11
IB13
MD1/2/3/IN1/2 = L/H/L/*/*
12
16
IB14
MD1/2/3/IN1/2 = L/H/H/*/*
8
11
IB15
MD1/2/3/IN1/2 = H/*/L/*/*
15
20
IB16
MD1/2/3/IN1/2 = H/*/H/*/*
12
16
VB1 system operation current
dissipation
IB17
IN3/4 = */*
10
14
mA
2
IB21
IN3/4 = L/L
0.1
1.0
µA
VB2 system operation current
dissipation
IB22
IN3/4 = L/H or H/L or H/H
8
11
mA
3
[Constant-voltage driver for AF] (OUT1, OUT2, OUT3, OUT4)
VO11
VC1 or VC2 = 0.3V
1.52
1.57
1.62
Output constant-voltage 1
VO12
VC1 or VC2 = VREF
×0.3
(partial resistance)
1.47
1.57
1.67
V
4
Output saturation voltage 1
VSAT1
VB1 = 3.0V, IO = 200mA
0.37
0.50
V
5
[Constant-Voltage driver for zoom] (OUT5, OUT6)
VO21
VC3 = 0.3V
1.52
1.57
1.62
Output constant-voltage 2
VO22
VC3 = VREF
×0.3 (partial resistance)
1.47
1.57
1.67
V
6
Output saturation voltage 2
VSAT2
VB2 = 3.0V, IO = 300mA
0.44
0.60
V
7
[Constant-voltage driver for iris] (OUT7, OUT8)
VO31
VC4 = 0.3V
1.52
1.57
1.62
Output constant-voltage 3
VO32
VC4 = VREF
×0.3 (partial resistance)
1.47
1.57
1.67
V
8
Output saturation voltage 3
VSAT3
VB1 = 3.0V, IO = 200mA
0.37
0.50
V
9
[Constant-current driver] (OUT9, OUT10)
Output constant-current
IO
VB1 = 3.0V, between IM and GND :
1.0
Ω, IC = VREF/5
188
200
212
mA
10
Output constant-current/
voltage variation
IOLIN
VB1 = 3V to 5V (VB1 = 4V typ),
IO = 200 mA
-1
0
+1
%
11
Output saturation voltage 4
VSAT4
VB1 = 3.0V, IO = 300mA
0.44
0.60
V
12
IC output saturation voltage
VSAT5
VB1 = 3.0V, IO = 1mA
0.12
0.2
V
13
ICH output saturation voltage
VSAT6
VB1 = 3.0V, IO = 1mA
0.1
V
14
[Reference voltage circuit] (VREF)
VREF output constant-voltage
VREF
IREF = -1mA
0.95
1.00
1.05
V
15
[Photo sensor drive circuit] (ZMPR, ZMPI, AFPI)
Output saturation voltage 7
VSAT7
IO = 10mA
0.3
0.45
V
16
[Input circuit] (MD1 to 3, IN1 to 5)
IINH
VIN = 5.0V
70
90
µA
17
Control pin input current
IINL
VIN = 0V
0
µA
18
[Others]
Overheat protection detection
temperature
TTSD
*Design guarantee
160
180
200
°C
19
* Temperature characteristics of design guaranteed, however individual unit testing is not performed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com