Electronic Components Datasheet Search
  English  ▼

X  

CYDM256B16 Datasheet(PDF) 13 Page - Cypress Semiconductor

Part # CYDM256B16
Description  1.8V 4K/8K/16K x 16 MoBL짰 Dual-Port Static RAM
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CYDM256B16 Datasheet(HTML) 13 Page - Cypress Semiconductor

Back Button CYDM256B16 Datasheet HTML 9Page - Cypress Semiconductor CYDM256B16 Datasheet HTML 10Page - Cypress Semiconductor CYDM256B16 Datasheet HTML 11Page - Cypress Semiconductor CYDM256B16 Datasheet HTML 12Page - Cypress Semiconductor CYDM256B16 Datasheet HTML 13Page - Cypress Semiconductor CYDM256B16 Datasheet HTML 14Page - Cypress Semiconductor CYDM256B16 Datasheet HTML 15Page - Cypress Semiconductor CYDM256B16 Datasheet HTML 16Page - Cypress Semiconductor CYDM256B16 Datasheet HTML 17Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 25 page
background image
CYDM256B16
CYDM128B16
CYDM064B16
Document #: 001-00217 Rev. *E
Page 13 of 25
tSA[24]
Address Set-up to Write Start
0
0
ns
tPWE
Write Pulse Width
25
40
ns
tSD
Data Set-up to Write End
20
30
ns
tHD
Data Hold From Write End
0
0
ns
tHZWE[26, 27]
R/W LOW to High Z
15
25
ns
tLZWE[26, 27]
R/W HIGH to Low Z
0
0
ns
tWDD[28]
Write Pulse to Data Delay
55
80
ns
tDDD[28]
Write Data Valid to Read Data Valid
55
80
ns
Busy Timing[29]
tBLA
BUSY LOW from Address Match
30
45
ns
tBHA
BUSY HIGH from Address Mismatch
30
45
ns
tBLC
BUSY LOW from CE LOW
30
45
ns
tBHC
BUSY HIGH from CE HIGH
30
45
ns
tPS[30]
Port Set-up for Priority
5
5
ns
tWB
R/W HIGH after BUSY (Slave)
0
0
ns
tWH
R/W HIGH after BUSY HIGH (Slave)
20
35
ns
tBDD[31]
BUSY HIGH to Data Valid
30
40
ns
Interrupt Timing[29]
tINS
INT Set Time
35
45
ns
tINR
INT Reset Time
35
45
ns
Semaphore Timing
tSOP
SEM Flag Update Pulse (OE or SEM)10
15
ns
tSWRD
SEM Flag Write to Read Time
10
10
ns
tSPS
SEM Flag Contention Window
10
10
ns
tSAA
SEM Address Access Time
40
55
ns
Notes:
28. For information on port-to-port delay through RAM cells from writing port to reading port, refer to Read Timing with Busy waveform.
29. Test conditions used are Load 2.
30. Add 2ns to this parameter if VCC and VDDIOR are <1.8V, and VDDIOL is >2.5V at temperature <0°C.
31. tBDD is a calculated parameter and is the greater of tWDD – tPWE (actual) or tDDD – tSD (actual).
Switching Characteristics for VCC = 1.8V Over the Operating Range[23] (continued)
Parameter
Description
CYDM256B16,
CYDM128B16,
CYDM064B16
CYDM256B16,
CYDM128B16,
CYDM064B16
Unit
-40
-55
Min.
Max.
Min.
Max.
[+] Feedback
[+] Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com