Electronic Components Datasheet Search
  English  ▼

X  

AD7760 Datasheet(PDF) 1 Page - Analog Devices

Part # AD7760
Description  24-Bit, 8.5 mW, 109 dB, 128/64/32 kSPS ADCs
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7760 Datasheet(HTML) 1 Page - Analog Devices

  AD7760 Datasheet HTML 1Page - Analog Devices AD7760 Datasheet HTML 2Page - Analog Devices AD7760 Datasheet HTML 3Page - Analog Devices AD7760 Datasheet HTML 4Page - Analog Devices AD7760 Datasheet HTML 5Page - Analog Devices AD7760 Datasheet HTML 6Page - Analog Devices AD7760 Datasheet HTML 7Page - Analog Devices AD7760 Datasheet HTML 8Page - Analog Devices AD7760 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
24-Bit, 8.5 mW, 109 dB,
128/64/32 kSPS ADCs
AD7767
Rev. 0
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringements of patents or other
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
©2007 Analog Devices, Inc. All rights reserved.
FEATURES
Oversampled successive approximation (SAR) architecture
High performance ac and dc accuracy, low power
115.5 dB dynamic range, 32 kSPS (AD7767-2)
112.5 dB dynamic range, 64 kSPS (AD7767-1)
109.5 dB dynamic range, 128 kSPS (AD7767)
−118 dB THD
Exceptionally low power
8.5 mW, 32 kSPS (AD7767-2)
10.5 mW, 64 kSPS (AD7767-1)
15 mW, 128 kSPS (AD7767)
High dc accuracy
24 bits, no missing codes (NMC)
INL: ±3 ppm (typical), ±7.6 ppm (maximum)
Low temperature drift
Zero error drift: 15 nV/°C
Gain error drift: 0.0075% FS
On-chip low-pass FIR filter
Linear phase response
Pass-band ripple: ±0.005 dB
Stop-band attenuation: 100 dB
2.5 V supply with 1.8 V/2.5 V/3 V/3.6 V logic interface options
Flexible interfacing options
Synchronization of multiple devices
Daisy chain capability
Power-down function
Temperature range: −40°C to +105°C
APPLICATIONS
Low power PCI/USB data acquisition systems
Low power wireless acquisition systems
Vibration analysis
Instrumentation
High precision medical acquisition
FUNCTIONAL BLOCK DIAGRAM
VREF+
VIN+
VIN–
REFGND
AVDD AGND MCLK
DVDD VDRIVE DGND
SUCCESSIVE-
APPROXIMATION
ADC
DIGITAL
FIR FILTER
SERIAL INTERFACE
AND
CONTROL LOGIC
SCLK DRDY SDO
SDI
AD7767/
AD7767-1/
AD7767-2
CS
SYNC/PD
Figure 1.
GENERAL DESCRIPTION
The AD7767/AD7767-1/AD7767-2 are high performance
24-bit oversampled SAR analog-to-digital converters (ADC).
The AD7767/AD7767-1/AD7767-2 combine the benefits of a
large dynamic range and input bandwidth, consuming 15 mW,
10.5 mW, and 8.5 mW power, respectively, all contained in a
16-lead TSSOP package.
Ideal for ultralow power data acquisition (such as PCI- and
USB-based systems), the AD7767/AD7767-1/AD7767-2
provide 24-bit resolution. The combination of exceptional SNR,
wide dynamic range, and outstanding dc accuracy make the
AD7767/AD7767-1/AD7767-2 ideally suited for measuring
small signal changes over a wide dynamic range. This is
particularly suitable for applications where small changes on the
input are measured on larger ac or dc signals. In such an
application, the AD7767/AD7767-1/AD7767-2 accurately
gather both ac and dc information.
The AD7767/AD7767-1/AD7767-2 include an on-board digital
filter (complete with linear phase response) that acts to elimi-
nate out-of-band noise by filtering the oversampled input
voltage. The oversampled architecture also reduces front-end
antialias requirements. Other features of the AD7767 include a
SYNC/PD (synchronization/power-down) pin, allowing the
synchronization of multiple AD7767 devices. The addition of
an SDI pin provides the option of daisy chaining multiple
AD7767 devices.
The AD7767/AD7767-1/AD7767-2 operate from a 2.5 V supply
using a 5 V reference. The devices operate from −40°C to +105°C.
RELATED DEVICES
Table 1. 24-Bit Analog-to-Digital Converters
Part No.
Description
AD7760
2.5 MSPS, 100 dB dynamic range1, on-board differential
amp and reference buffer, parallel, variable decimation
AD7762/
AD7763
625 kSPS, 109 dB dynamic range1, on-board differential
amp and reference buffer, parallel/serial, variable
decimation
AD7764
312 kSPS, 109 dB dynamic range1, on-board differential
amp and reference buffer, variable decimation (pin)
AD7765
156 kSPS, 112 dB dynamic range1, on-board differential
amp and reference buffer, variable decimation (pin)
AD7766
128 kSPS, 109.5 dB1, 15 mW, 16-bit INL, serial interface
AD7766-1
64 kSPS 112.5 dB1,10.5 mW, 16-bit INL, serial interface
AD7766-2
32 kSPS, 115.5 dB1, 8.5 mW, 16-bit INL, serial interface
1 Dynamic range at maximum output data rate.


Similar Part No. - AD7760

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7760 AD-AD7760 Datasheet
868Kb / 22P
2.5 MSPS, 20-Bit ADC
AD7760 AD-AD7760 Datasheet
851Kb / 37P
Sigma-Delta ADC with On-Chip Buffer
23-Feb-2017
AD7760 AD-AD7760 Datasheet
2Mb / 23P
AD7760/AD7762 Evaluation Board using EVAL-CED1Z
Rev. PrB
AD7760 AD-AD7760 Datasheet
4Mb / 23P
24-Bit, 8.5 mW, 109 dB, 128 kSPS/64 kSPS/32 kSPS ADCs
Rev. D
AD7760BCP AD-AD7760BCP Datasheet
868Kb / 22P
2.5 MSPS, 20-Bit ADC
More results

Similar Description - AD7760

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7763 AD-AD7763 Datasheet
688Kb / 32P
24-Bit, 625 kSPS, 109 dB 誇-? ADC with On-Chip Buffers, Serial Interface
REV. 0
AD7762 AD-AD7762 Datasheet
591Kb / 28P
625 kSPS, 24-Bit, 109 dB ADC With On-Chip Buffer
8/05-Revision 0
AD7762 AD-AD7762_15 Datasheet
799Kb / 29P
625 kSPS, 24-Bit, 109 dB Sigma-Delta ADC With On-Chip Buffer
REV. A
AD7764 AD-AD7764_15 Datasheet
1Mb / 33P
24-Bit, 312 kSPS, 109 dB Sigma-Delta ADC
REV. A
AD7766 AD-AD7766_15 Datasheet
1Mb / 25P
24-Bit, 8.5 mW, 109 dB, 128 kSPS/64 kSPS/32 kSPS ADCs
REV. C
AD7767 AD-AD7767_15 Datasheet
2Mb / 25P
24-Bit, 8.5 mW, 109 dB, 128 kSPS/64 kSPS/32 kSPS ADCs
REV. C
AD7764 AD-AD7764_17 Datasheet
920Kb / 34P
24-Bit, 312 kSPS, 109 dB Sigma-Delta ADC
29-Mar-2017
AD7766 AD-AD7766_17 Datasheet
1Mb / 25P
128 kSPS/64 kSPS/32 kSPS ADCs
09-Jun-2017
AD7767 AD-AD7767_17 Datasheet
1Mb / 25P
128 kSPS/64 kSPS/32 kSPS ADCs
09-Jun-2017
AD4030-24 AD-AD4030-24_V01 Datasheet
2Mb / 50P
24-Bit, 2 MSPS/500 kSPS, SAR ADCs
Rev. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com