Electronic Components Datasheet Search
  English  ▼

X  

AD7766 Datasheet(PDF) 13 Page - Analog Devices

Part # AD7766
Description  24-Bit, 8.5 mW, 109 dB, 128/64/32 kSPS ADCs
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7766 Datasheet(HTML) 13 Page - Analog Devices

Back Button AD7766 Datasheet HTML 9Page - Analog Devices AD7766 Datasheet HTML 10Page - Analog Devices AD7766 Datasheet HTML 11Page - Analog Devices AD7766 Datasheet HTML 12Page - Analog Devices AD7766 Datasheet HTML 13Page - Analog Devices AD7766 Datasheet HTML 14Page - Analog Devices AD7766 Datasheet HTML 15Page - Analog Devices AD7766 Datasheet HTML 16Page - Analog Devices AD7766 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 24 page
background image
AD7767
Rev. 0 | Page 13 of 24
350
300
250
200
150
100
50
0
CODES
MAX = 8388593
MIN = 8388526
SPREAD = 69 CODES
Figure 25. AD7767-2 24-Bit Histogram
1.0
–1.0
–0.8
–0.6
–0.4
–0.2
0
0.2
0.4
0.6
0.8
0
2097152
4194304
6291456
8388608
10485760
12582912
14680064
16777216
24-BIT CODES
Figure 26. AD7767/AD7767-1/AD7767-2, 24-Bit DNL
3.80
–3.80
–3.04
–2.28
–1.52
–0.76
0
0.76
1.52
2.28
3.04
0
2097152
4194304
6291456
8388608
10485760
12582912
14680064
16777216
24-BIT CODES
LOW TEMPERATURE
NOMINAL TEMPERATURE
HIGH TEMPERATURE
Figure 27. AD7767/AD7767-1/AD7767-2, 24-Bit INL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com