Electronic Components Datasheet Search
  English  ▼

X  

ICS873990 Datasheet(PDF) 10 Page - Integrated Circuit Systems

Part # ICS873990
Description  LOW VOLTAGE, LVCMOS/ CRYSTAL-TO-LVPECL/ECL CLOCK GENERATOR
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS873990 Datasheet(HTML) 10 Page - Integrated Circuit Systems

Back Button ICS873990 Datasheet HTML 6Page - Integrated Circuit Systems ICS873990 Datasheet HTML 7Page - Integrated Circuit Systems ICS873990 Datasheet HTML 8Page - Integrated Circuit Systems ICS873990 Datasheet HTML 9Page - Integrated Circuit Systems ICS873990 Datasheet HTML 10Page - Integrated Circuit Systems ICS873990 Datasheet HTML 11Page - Integrated Circuit Systems ICS873990 Datasheet HTML 12Page - Integrated Circuit Systems ICS873990 Datasheet HTML 13Page - Integrated Circuit Systems ICS873990 Datasheet HTML 14Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
873990AY
www.icst.com/products/hiperclocks.html
REV. B
JUNE 13, 2005
10
Integrated
Circuit
Systems, Inc.
ICS873990
LOW VOLTAGE, LVCMOS/
CRYSTAL-TO-LVPECL/ECL CLOCK GENERATOR
CRYSTAL INPUT INTERFACE
The ICS873990 has been characterized with 18pF parallel
resonant crystals. The capacitor values, C1 and C2, shown
in
Figure 4 below were determined using a 25MHz, 18pF par-
Figure 4. CRYSTAL INPUt INTERFACE
allel resonant crystal and were chosen to minimize the ppm
error. The optimum C1 and C2 values can be slightly adjusted
for different board layouts.
C1
22p
X1
18pF Parallel Crystal
C2
22p
XTAL_OUT
XTAL_IN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com