Electronic Components Datasheet Search
  English  ▼

X  

ICS873990AYLF Datasheet(PDF) 6 Page - Integrated Circuit Systems

Part # ICS873990AYLF
Description  LOW VOLTAGE, LVCMOS/ CRYSTAL-TO-LVPECL/ECL CLOCK GENERATOR
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS873990AYLF Datasheet(HTML) 6 Page - Integrated Circuit Systems

Back Button ICS873990AYLF Datasheet HTML 2Page - Integrated Circuit Systems ICS873990AYLF Datasheet HTML 3Page - Integrated Circuit Systems ICS873990AYLF Datasheet HTML 4Page - Integrated Circuit Systems ICS873990AYLF Datasheet HTML 5Page - Integrated Circuit Systems ICS873990AYLF Datasheet HTML 6Page - Integrated Circuit Systems ICS873990AYLF Datasheet HTML 7Page - Integrated Circuit Systems ICS873990AYLF Datasheet HTML 8Page - Integrated Circuit Systems ICS873990AYLF Datasheet HTML 9Page - Integrated Circuit Systems ICS873990AYLF Datasheet HTML 10Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
873990AY
www.icst.com/products/hiperclocks.html
REV. B
JUNE 13, 2005
6
Integrated
Circuit
Systems, Inc.
ICS873990
LOW VOLTAGE, LVCMOS/
CRYSTAL-TO-LVPECL/ECL CLOCK GENERATOR
TABLE 5. CRYSTAL CHARACTERISTICS
r
e
t
e
m
a
r
a
Ps
n
o
i
t
i
d
n
o
C
t
s
e
Tm
u
m
i
n
i
Ml
a
c
i
p
y
Tm
u
m
i
x
a
Ms
t
i
n
U
n
o
i
t
a
ll
i
c
s
O
f
o
e
d
o
M
l
a
t
n
e
m
a
d
n
u
F
y
c
n
e
u
q
e
r
F
0
15
2z
H
M
)
R
S
E
(
e
c
n
a
t
s
i
s
e
R
s
e
i
r
e
S
t
n
e
l
a
v
i
u
q
E
0
5
Ω
e
c
n
a
t
i
c
a
p
a
C
t
n
u
h
S
7F
p
l
e
v
e
L
e
v
i
r
D
1W
m
TABLE 4A. POWER SUPPLY DC CHARACTERISTICS, V
CC = VCCA = VCCO = 3.3V ± 5%, VEE = 0V, T
A
= 0°C TO 70°C
ABSOLUTE MAXIMUM RATINGS
Supply Voltage, V
CC
4.6V
Inputs, V
I
-0.5V to V
CC + 0.5 V
Outputs, I
O
Continuous Current
50mA
Surge Current
100mA
Package Thermal Impedance,
θ
JA
42.3°C/W (0 lfpm)
Storage Temperature, T
STG
-65°C to 150°C
NOTE: Stresses beyond those listed under Absolute Maximum
Ratings may cause permanent damage to the device. These
ratings are stress specifications only. Functional operation of
product at these conditions or any conditions beyond those listed
in the
DC Characteristics or AC Characteristics is not implied.
Exposure to absolute maxi-mum rating conditions for extended
periods may affect product reliability.
TABLE 4B. LVPECL DC CHARACTERISTICS, V
CC = VCCA = VCCO = 3.3V ± 5%, VEE = 0V, T
A
= 0°C TO 70°C
TABLE 4B. LVCMOS/LVTTL DC CHARACTERISTICS, V
CC = VCCA = VCCO = 3.3V ± 5%, VEE = 0V, T
A
= 0°C TO 70°C
l
o
b
m
y
Sr
e
t
e
m
a
r
a
Ps
n
o
i
t
i
d
n
o
C
t
s
e
Tm
u
m
i
n
i
Ml
a
c
i
p
y
Tm
u
m
i
x
a
Ms
t
i
n
U
V
H
I
t
u
p
n
I
e
g
a
t
l
o
V
h
g
i
H
,
L
E
S
_
C
N
Y
S
,
L
E
S
_
F
E
R
,
N
E
_
L
L
P
,
2
B
F
:
0
B
F
_
L
E
S
F
L
E
S
_
O
C
V
,
R
M
,
3
:
0
L
E
S
F
2V
C
C
3
.
0
+V
K
L
C
_
T
S
E
T2
V
C
C
3
.
0
+V
V
L
I
t
u
p
n
I
e
g
a
t
l
o
V
w
o
L
,
L
E
S
_
C
N
Y
S
,
L
E
S
_
F
E
R
,
N
E
_
L
L
P
,
2
B
F
:
0
B
F
_
L
E
S
F
L
E
S
_
O
C
V
,
R
M
,
3
:
0
L
E
S
F
3
.
0
-8
.
0V
K
L
C
_
T
S
E
T3
.
0
-3
.
1V
I
H
I
t
n
e
r
r
u
C
h
g
i
H
t
u
p
n
IV
C
C
V
=
N
I
V
5
6
4
.
3
=0
5
1A
µ
I
L
I
t
u
p
n
It
n
e
r
r
u
C
w
o
LV
N
I
V
,
V
0
=
C
C
V
5
6
4
.
3
=5
-A
µ
l
o
b
m
y
Sr
e
t
e
m
a
r
a
Ps
n
o
i
t
i
d
n
o
C
t
s
e
Tm
u
m
i
n
i
Ml
a
c
i
p
y
Tm
u
m
i
x
a
Ms
t
i
n
U
V
H
O
1
E
T
O
N
,
e
g
a
t
l
o
V
h
g
i
H
t
u
p
t
u
OV
C
C
4
.
1
-V
C
C
9
.
0
-V
V
L
O
1
E
T
O
N
,
e
g
a
t
l
o
V
w
o
L
t
u
p
t
u
OV
C
C
0
.
2
-V
C
C
7
.
1
-V
V
G
N
I
W
S
g
n
i
w
S
e
g
a
t
l
o
V
t
u
p
t
u
O
k
a
e
P
-
o
t
-
k
a
e
P
6
.
00
.
1V
0
5
h
t
i
w
d
e
t
a
n
i
m
r
e
t
s
t
u
p
t
u
O
:
1
E
T
O
N
Ω
V
o
t
O
C
C
.
V
2
-
l
o
b
m
y
Sr
e
t
e
m
a
r
a
Ps
n
o
i
t
i
d
n
o
C
t
s
e
Tm
u
m
i
n
i
Ml
a
c
i
p
y
Tm
u
m
i
x
a
Ms
t
i
n
U
V
C
C
e
g
a
t
l
o
V
y
l
p
p
u
S
e
r
o
C
5
3
1
.
33
.
35
6
4
.
3V
V
A
C
C
e
g
a
t
l
o
V
y
l
p
p
u
S
g
o
l
a
n
A
5
3
1
.
33
.
35
6
4
.
3
V
O
C
C
e
g
a
t
l
o
V
y
l
p
p
u
S
t
u
p
t
u
O
5
3
1
.
33
.
35
6
4
.
3V
I
C
C
t
n
e
r
r
u
C
y
l
p
p
u
S
r
e
w
o
P
0
5
1A
m
I
A
C
C
t
n
e
r
r
u
C
y
l
p
p
u
S
g
o
l
a
n
A
5
1A
m
I
O
C
C
t
n
e
r
r
u
C
y
l
p
p
u
S
t
u
p
t
u
O
5
9A
m



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com