Electronic Components Datasheet Search
  English  ▼

X  

IRF740LPBF Datasheet(PDF) 1 Page - International Rectifier

Part # IRF740LPBF
Description  SMPS MOSFET
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRF740LPBF Datasheet(HTML) 1 Page - International Rectifier

  IRF740LPBF Datasheet HTML 1Page - International Rectifier IRF740LPBF Datasheet HTML 2Page - International Rectifier IRF740LPBF Datasheet HTML 3Page - International Rectifier IRF740LPBF Datasheet HTML 4Page - International Rectifier IRF740LPBF Datasheet HTML 5Page - International Rectifier IRF740LPBF Datasheet HTML 6Page - International Rectifier IRF740LPBF Datasheet HTML 7Page - International Rectifier IRF740LPBF Datasheet HTML 8Page - International Rectifier IRF740LPBF Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
www.irf.com
1
7/20/04
IRF740AS/LPbF
SMPS MOSFET
HEXFET® Power MOSFET
l Switch Mode Power Supply ( SMPS )
l Uninterruptable Power Supply
l High speed power switching
l Lead-Free
Benefits
Applications
l Low Gate Charge Qg results in Simple
Drive Requirement
l Improved Gate, Avalanche and dynamic
dv/dt Ruggedness
l Fully Characterized Capacitance and
Avalanche Voltage and Current
l Effective Coss specified (
See AN 1001)
VDSS
Rds(on) max
ID
400V
0.55
Ω
10A
Typical SMPS Topologies:
l Single transistor Flyback Xfmr. Reset
l Single Transistor Forward Xfmr. Reset
( Both for US Line Input only )
Parameter
Max.
Units
ID @ TC = 25°C
Continuous Drain Current, VGS @ 10V
†
10
ID @ TC = 100°C
Continuous Drain Current, VGS @ 10V
†
6.3
A
IDM
Pulsed Drain Current
†
40
PD @TA = 25°C
Power Dissipation
3.1
W
PD @TC = 25°C
Power Dissipation
125
Linear Derating Factor
1.0
W/°C
VGS
Gate-to-Source Voltage
± 30
V
dv/dt
Peak Diode Recovery dv/dt
Ġ
5.9
V/ns
TJ
Operating Junction and
-55 to + 150
TSTG
Storage Temperature Range
Soldering Temperature, for 10 seconds
300 (1.6mm from case )
°C
Absolute Maximum Ratings
PD- 95532
Notes  through … are on page 10
2
D Pak
TO-262


Similar Part No. - IRF740LPBF

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
IRF740LC VISHAY-IRF740LC Datasheet
203Kb / 9P
Power MOSFET
21-Mar-11
IRF740LC VISHAY-IRF740LC Datasheet
161Kb / 9P
Power MOSFET
16-Aug-2021
logo
International Rectifier
IRF740LCPBF IRF-IRF740LCPBF Datasheet
1Mb / 8P
HEXFET-R POWER MOSFET
logo
Vishay Siliconix
IRF740LCPBF VISHAY-IRF740LCPBF Datasheet
161Kb / 9P
Power MOSFET
16-Aug-2021
IRF740LCPBF-BE3 VISHAY-IRF740LCPBF-BE3 Datasheet
161Kb / 9P
Power MOSFET
16-Aug-2021
More results

Similar Description - IRF740LPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF730AS IRF-IRF730AS Datasheet
162Kb / 10P
SMPS MOSFET
IRF7469PBF IRF-IRF7469PBF Datasheet
126Kb / 8P
SMPS MOSFET
IRFB9N65APBF IRF-IRFB9N65APBF Datasheet
129Kb / 8P
SMPS MOSFET
IRFPS30N60KPBF IRF-IRFPS30N60KPBF Datasheet
135Kb / 8P
SMPS MOSFET
IRFR1N60APBF IRF-IRFR1N60APBF Datasheet
231Kb / 10P
SMPS MOSFET
IRLR3715PBF IRF-IRLR3715PBF Datasheet
268Kb / 10P
SMPS MOSFET
IRFR3412PBF IRF-IRFR3412PBF Datasheet
224Kb / 10P
SMPS MOSFET
IRF7466PBF IRF-IRF7466PBF Datasheet
131Kb / 8P
SMPS MOSFET
IRF7468PBF IRF-IRF7468PBF Datasheet
126Kb / 8P
SMPS MOSFET
IRFB18N50KPBF IRF-IRFB18N50KPBF Datasheet
173Kb / 8P
SMPS MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com