Electronic Components Datasheet Search
  English  ▼

X  

MAX5950 Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX5950
Description  12V PWM Controller with Hot-Swap
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX5950 Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX5950 Datasheet HTML 1Page - Maxim Integrated Products MAX5950 Datasheet HTML 2Page - Maxim Integrated Products MAX5950 Datasheet HTML 3Page - Maxim Integrated Products MAX5950 Datasheet HTML 4Page - Maxim Integrated Products MAX5950 Datasheet HTML 5Page - Maxim Integrated Products MAX5950 Datasheet HTML 6Page - Maxim Integrated Products MAX5950 Datasheet HTML 7Page - Maxim Integrated Products MAX5950 Datasheet HTML 8Page - Maxim Integrated Products MAX5950 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 28 page
background image
12V PWM Controller with Hot-Swap
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
IN to AGND.............................................................-0.3V to +24V
HSENSE, PWM_IN to AGND........................-0.3V to (VIN + 0.3V)
GATE to AGND.......................................................-0.3V to +30V
GATE to PWM_IN ....................................................-0.3V to +6V
PWREN, PWRFLT, MPWRGD, HUVLO, PGI, DCENO
to AGND ................................................................-0.3V to +6V
BST to AGND..........................................................-0.3V to +30V
BST to LX..................................................................-0.3V to +6V
CS- to AGND.......................................-0.3V to (VPWM_IN + 0.3V)
REG, DREG, PUVLO, DCENI, SYNCIN, THRESH,
SENSE to AGND....................................................-0.3V to +6V
RT, ILIM, STARTUP, PGOOD, FB, CS+ to AGND ....-0.3V to +6V
SYNCOUT, COMP to AGND.....................-0.3V to (VREG + 0.3V)
DL to PGND...............................................-0.3V to (VDREG + 6V)
DH to LX ....................................................-0.3V to (VBST + 0.3V)
PGND to AGND .....................................................-0.3V to +0.3V
Input Current (any pin) .....................................................±50mA
Continuous Power Dissipation
32-Pin TQFN (derate 34.5 mW/°C above +70°C) ...2758.6mW
32-Pin TQFN (
θJA) ......................................................+29°C/W
32-Pin TQFN (
θJC)........................................................2.1°C/W
Operating Ambient Temperature Range .............-40°C to +85°C
Maximum Junction Temperature .....................................+150°C
Storage Temperature Range .............................-60°C to +150°C
Lead Temperature (soldering, 10s) ...…………………….+300°C
ELECTRICAL CHARACTERISTICS
(VIN = VPWM_IN = 12V or VIN = VPWM_IN = VREG = 5V, VDREG = VREG, VPGND = 0V, VSYNCIN = 0V, RRT = 100k
Ω, RILIM = 60kΩ,
CREG = 2.2µF, TA = TJ = -40°C to +85°C, unless otherwise noted. Typical values are at TA = TJ = +25°C.) (Note 1)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
816
Input-Voltage Range
VIN
VIN = VPWM_IN = VREG = VDREG
(Note 2)
4.5
5.5
V
Standby Supply Current
VIN = 16V, VPWM_IN = VHUVLO = 0V
1.0
1.6
mA
Quiescent Supply Current
VIN = VPWM_IN = 16V, VFB = 0.9V
2.3
3.7
mA
Switching Supply Current
VIN = VPWM_IN = 16V, VFB = 0V
6
9
mA
HOT-SWAP UVLO
Default Hot-Swap Undervoltage
Lockout Threshold
VIN rising
6.7
7.3
V
Hot-Swap UVLO Hysteresis
0.7
V
HUVLO Threshold
VHUVLO
VHUVLO rising
1.202
1.220
1.238
V
HUVLO Hysteresis
122
mV
HUVLO Input Impedance
180
310
500
k
Ω
HOT-SWAP
PWREN CONTROL
PWREN Input High-Level Voltage
2V
PWREN Input Low-Level Voltage
0.8
V
PWREN Input Hysteresis
260
mV
PWREN Input Pullup Resistance
50
100
160
k
Ω
PWREN Clamp Voltage
IPWREN = 1mA
4.8
V
PWREN High-to-Low Deglitch Time
6.5
10.5
15.0
ms
HOT-SWAP CIRCUIT-BREAKER COMPARATOR
Circuit-Breaker Threshold
VCB
VIN - VHSENSE
553
613
673
mV
HSENSE Input Bias Current
VHSENSE = 12V
-1
+1
µA
HOT-SWAP GATE CONTROL
GATE Charge Current
IGATE
45
6
µA
GATE High Voltage
VGATE - VPWM_IN, sourcing 1µA
4.7
5.4
6.1
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com